công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22346WFRT20Z bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL22346WFRT20Z
Giải thích chi tiết về linh kiện  Quad Digitally Controlled Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22346WFRT20Z bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL22346WFRT20Z Datasheet HTML 1Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 2Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 3Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 4Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 5Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 6Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 7Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 8Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN6177.2
September 3, 2009
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at any Digital Interface Pin
with Respect to GND . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Voltage at any DCP Pin with Respect to GND. . . . . . . -0.3V to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup (Note 4) . . . . . . . . . . . . . . . . . . Class II, Level B @ +125°C
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .350V
Thermal Resistance (Typical)
θJA (°C/W) θJC(°C/W)
20 Lead TSSOP (Note 1) . . . . . . . . . . .
95
N/A
20 Lead TQFN (Notes 2, 3) . . . . . . . . .
40
3.0
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Extended Industrial). . . . . . . . -40°C to +125°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mW
Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3.0mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
4. Jedec Class II pulse conditions and failure criterion used. Level B exceptions are: using a max positive pulse of 6.5V on the SHDN pin, and using
a max negative pulse of -0.8V for all pins.
Analog Specifications
Over recommended operating conditions, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
RTOTAL
RH to RL Resistance
W option
10
k
Ω
U option
50
k
Ω
RH to RL Resistance Tolerance
W and U option
-20
+20
%
End-to-End Temperature Coefficient
W option
±50
ppm/°C
(Note 18)
U option
±80
ppm/°C
(Note 18)
VRH, VRL
VRH and VRL Terminal Voltages
VRH and VRL to GND
0
VCC
V
RW
Wiper Resistance
VCC = 3.3V, wiper current = VCC/RTOTAL
70
200
Ω
CH/CL/CW
(Note 20)
Potentiometer Capacitance
10/10/25
pF
ILkgDCP
Leakage on DCP Pins
Voltage at pin from GND to VCC
0.1
1
µA
VOLTAGE DIVIDER MODE (0V @ RLi; VCC @ RHi; measured at RWi, unloaded; i = 0, 1, 2, or 3)
INL
(Note 10)
Integral Non-linearity
Monotonic over all tap positions
-1
1
LSB
(Note 6)
DNL
(Note 9)
Differential Non-linearity
Monotonic over all tap positions
-0.5
0.5
LSB
(Note 6)
ZSerror
(Note 7)
Zero-scale Error
W option
0
1
5
LSB
(Note 6)
U option
0
0.5
2
FSerror
(Note 8)
Full-scale error
W option
-5
-1
0
LSB
(Note 6)
U option
-2
-1
0
VMATCH
(Note 11)
DCP to DCP Matching
Any two DCPs at same tap position, same
voltage at all RH terminals, and same voltage
at all RL terminals
-2
2
LSB
(Note 6)
ISL22346


Số phần tương tự - ISL22346WFRT20Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22346WFRT20Z INTERSIL-ISL22346WFRT20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WFRT20Z INTERSIL-ISL22346WFRT20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22346WFRT20Z RENESAS-ISL22346WFRT20Z Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

Mô tả tương tự - ISL22346WFRT20Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com