công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22349 bảng dữ liệu(PDF) 10 Page - Intersil Corporation

tên linh kiện ISL22349
Giải thích chi tiết về linh kiện  Quad Digitally Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22349 bảng dữ liệu(HTML) 10 Page - Intersil Corporation

Back Button ISL22349_09 Datasheet HTML 5Page - Intersil Corporation ISL22349_09 Datasheet HTML 6Page - Intersil Corporation ISL22349_09 Datasheet HTML 7Page - Intersil Corporation ISL22349_09 Datasheet HTML 8Page - Intersil Corporation ISL22349_09 Datasheet HTML 9Page - Intersil Corporation ISL22349_09 Datasheet HTML 10Page - Intersil Corporation ISL22349_09 Datasheet HTML 11Page - Intersil Corporation ISL22349_09 Datasheet HTML 12Page - Intersil Corporation ISL22349_09 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6331.3
May 28, 2009
Shutdown Mode
The device can be put in Shutdown mode either by pulling the
SHDN pin to GND or setting the SHDN bit in the ACR register
to 0. The truth table for Shutdown mode is in Table 3.
I2C Serial Interface
The ISL22349 supports an I2C bidirectional bus oriented
protocol. The protocol defines any device that sends data
onto the bus as a transmitter and the receiving device as the
receiver. The device controlling the transfer is a master and
the device being controlled is the slave. The master always
initiates data transfers and provides the clock for both
transmit and receive operations. Therefore, the ISL22349
operates as a slave device in all applications.
All communication over the I2C interface is conducted by
sending the MSB of each byte of data first.
Protocol Conventions
Data states on the SDA line must change only during SCL
LOW periods. SDA state changes during SCL HIGH are
reserved for indicating START and STOP conditions
(see Figure 12). On power-up of the ISL22349 the SDA pin
is in the input mode.
All I2C interface operations must begin with a START
condition, which is a HIGH to LOW transition of SDA while
SCL is HIGH. The ISL22349 continuously monitors the SDA
and SCL lines for the START condition and does not
respond to any command until this condition is met. A
START condition is ignored during the power-up of the
device.
All I2C interface operations must be terminated by a STOP
condition, which is a LOW to HIGH transition of SDA while
SCL is HIGH (see Figure 12). A STOP condition at the end
of a read operation, or at the end of a write operation places
the device in its standby mode.
An ACK, Acknowledge, is a software convention used to
indicate a successful data transfer. The transmitting device,
either master or slave, releases the SDA bus after
transmitting eight bits. During the ninth clock cycle, the
receiver pulls the SDA line LOW to acknowledge the
reception of the eight bits of data (See Figure 13).
The ISL22349 responds with an ACK after recognition of a
START condition followed by a valid Identification Byte, and
once again after successful receipt of an Address Byte. The
ISL22349 also responds with an ACK after receiving a Data
Byte of a write operation. The master must respond with an
ACK after receiving a Data Byte of a read operation.
A valid Identification Byte contains 1010b as the four MSBs,
and the following three bits matching the logic values
present at pins A2, A1, and A0. The LSB is the Read/Write
bit. Its value is “1” for a Read operation, and “0” for a Write
operation (see Table 4).
TABLE 4. IDENTIFICATION BYTE FORMAT
TABLE 3.
SHDN pin
SHDN bit
Mode
High
1
Normal operation
Low
1
Shutdown
High
0
Shutdown
Low
0
Shutdown
1010
A2
A1
A0
R/W
(MSB)
(LSB)
Logic values at pins A2, A1, and A0 respectively
SDA
SCL
START
DATA
DATA
STOP
STABLE
CHANGE
DATA
STABLE
FIGURE 12. VALID DATA CHANGES, START AND STOP CONDITIONS
ISL22349


Số phần tương tự - ISL22349_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22349UFV14Z INTERSIL-ISL22349UFV14Z Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22349UFV14Z RENESAS-ISL22349UFV14Z Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
logo
Intersil Corporation
ISL22349WFV14Z INTERSIL-ISL22349WFV14Z Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22349WFV14Z RENESAS-ISL22349WFV14Z Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
More results

Mô tả tương tự - ISL22349_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com