công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
U-WLB1510-6 bảng dữ liệu(PDF) 11 Page - Diodes Incorporated |
|
U-WLB1510-6 bảng dữ liệu(HTML) 11 Page - Diodes Incorporated |
11 / 14 page ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97. AP02001 Rev. 43 11 of 14 www.diodes.com Suggested Pad Layout © Diodes Incorporated SC74R / SOT26 / SOT363 / SOT563 SOT25 / SOT353 / SOT553 Dimensions SC74R / SOT26 SOT363 SOT563 Z 3.20 2.5 2.2 G 1.60 1.3 1.2 X 0.55 0.42 0.375 Y 0.80 0.6 0.5 C1 2.40 1.9 1.7 C2 0.95 0.65 0.5 Dimensions SOT25 SOT353 SOT553 Z 3.20 2.5 2.2 G 1.60 1.3 1.2 X 0.55 0.42 0.375 Y 0.80 0.6 0.5 C1 2.40 1.9 1.7 C2 0.95 0.65 0.5 SOT666 Dimensions Value (in mm) C 0.50 G 0.80 X 0.35 Y 0.50 SOT953 Dimensions Value (in mm) C 0.350 X 0.200 Y 0.200 Y1 1.100 X Z Y C1 C2 C2 G X Z Y C1 C2 C2 G X (6x) Y (6x) C G Y1 Y (5X) C C X (5X) |
Số phần tương tự - U-WLB1510-6 |
|
Mô tả tương tự - U-WLB1510-6 |