công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJE5731 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MJE5731
Giải thích chi tiết về linh kiện  High Voltage PNP Silicon Plastic Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5731 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MJE5731 Datasheet HTML 1Page - ON Semiconductor MJE5731 Datasheet HTML 2Page - ON Semiconductor MJE5731 Datasheet HTML 3Page - ON Semiconductor MJE5731 Datasheet HTML 4Page - ON Semiconductor MJE5731 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MJE5730, MJE5731, MJE5731A
http://onsemi.com
3
10
5.0
Figure 5. Forward Bias Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
5.0
2.0
0.5
0.01
30
100
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
dc
500 ms
0.05
10
20
1.0ms
200 300
500
1.0
0.2
50
0.1
0.02
TC = 25°C
100 ms
MJE5730
MJE5731
MJE5732
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided
TJ(pk) v 150_C. TJ(pk) may be calculated from the data in
Figure 6. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
t, TIME (ms)
1.0
0.01
1 k
0.3
0.2
0.07
RqJC(t) = r(t) RqJC
RqJC = 3.125°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.01
0.7
Figure 6. Thermal Response
0.5
0.1
0.05
0.03
0.02
0.02
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
0.2
SINGLE PULSE
D = 0.5
0.05
0.1
0.02
0.01
t2
Figure 7. Switching Time Equivalent Circuit
TURN−ON PULSE
VBE(off)
Vin
APPROX
.
−11 V
0 V
t3
TURN−OFF PULSE
t1 ≤ 7.0 ns
100 ≤ t2 < 500 ms
t3 < 15 ns
APPROX. +9.0 V
DUTY CYCLE ≈ 2.0%
VCC
Vin
RC
RB
SCOPE
+4.0 V
Cjd << Ceb
51
t1


Số phần tương tự - MJE5731

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MJE5731 MOTOROLA-MJE5731 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
logo
ON Semiconductor
MJE5731 ONSEMI-MJE5731 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Inchange Semiconductor ...
MJE5731 ISC-MJE5731 Datasheet
264Kb / 2P
   isc Silicon PNP Power Transistor
logo
ON Semiconductor
MJE5731 ONSEMI-MJE5731 Datasheet
82Kb / 6P
   High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
logo
Motorola, Inc
MJE5731A MOTOROLA-MJE5731A Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
More results

Mô tả tương tự - MJE5731

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730_15 Datasheet
82Kb / 6P
   High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
MJD5731 ONSEMI-MJD5731 Datasheet
95Kb / 8P
   High Voltage PNP Silicon Power Transistors
March, 2003 - Rev. 0
MJD5731 ONSEMI-MJD5731_11 Datasheet
119Kb / 5P
   High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
MJD5731 ONSEMI-MJD5731_13 Datasheet
133Kb / 5P
   High Voltage PNP Silicon Power Transistors
August, 2013 ??Rev. 5
2N4918 ONSEMI-2N4918_17 Datasheet
203Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
January, 2017 ??Rev. 12
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4918G ONSEMI-2N4918G Datasheet
117Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com