công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJE4353 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MJE4353
Giải thích chi tiết về linh kiện  High?뭋oltage  High Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE4353 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MJE4353 Datasheet HTML 1Page - ON Semiconductor MJE4353 Datasheet HTML 2Page - ON Semiconductor MJE4353 Datasheet HTML 3Page - ON Semiconductor MJE4353 Datasheet HTML 4Page - ON Semiconductor MJE4353 Datasheet HTML 5Page - ON Semiconductor MJE4353 Datasheet HTML 6Page - ON Semiconductor MJE4353 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
High−Voltage
High Power
Transistors
. . . designed for use in high power audio amplifier applications and
high voltage switching regulator circuits.
High Collector−Emitter Sustaining Voltage —
NPN
PNP
VCEO(sus) = 160 Vdc — MJE4343 MJE4353
High DC Current Gain — @ IC = 8.0 Adc hFE = 35 (Typ)
Low Collector−Emitter Saturation Voltage —
VCE(sat) = 2.0 Vdc (Max) @ IC
= 8.0 Adc
w These devices are available in Pb−free package(s). Specifications herein
apply to both standard and Pb−free devices. Please see our website at
www.onsemi.com for specific Pb−free orderable part numbers, or
contact your local ON Semiconductor sales office or representative.
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
160
Vdc
Collector−Base Voltage
VCB
160
Vdc
Emitter−Base Voltage
VEB
7.0
Vdc
Collector Current — Continuous
Peak (1)
IC
16
20
Adc
Base Current — Continuous
IB
5.0
Adc
Total Power Dissipation @ TC = 25_C
PD
125
Watts
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
1.0
_C/W
(1) Pulse Test: Pulse Width v 5.0 μs, Duty Cycle w 10%.
3.5
0
Figure 1. Power Derating
Reference: Ambient Temperature
TA, AMBIENT TEMPERATURE (°C)
25
50
100
125
3.0
2.5
0.5
75
150
1.0
1.5
2.0
ON Semiconductor
t
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 4
1
Publication Order Number:
MJE4343/D
MJE4343
MJE4353
16 AMPERE
POWER TRANSISTORS
COMPLEMENTARY
SILICON
160 VOLTS
NPN
PNP
CASE 340D−02
TO−218 TYPE


Số phần tương tự - MJE4353

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
MJE4353 MOSPEC-MJE4353 Datasheet
135Kb / 4P
   POWER TRANSISTORS(16A,100-160V,125W)
logo
Motorola, Inc
MJE4353 MOTOROLA-MJE4353 Datasheet
197Kb / 6P
   16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
logo
Savantic, Inc.
MJE4353 SAVANTIC-MJE4353 Datasheet
139Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
MJE4353 ISC-MJE4353 Datasheet
134Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE4353 ONSEMI-MJE4353 Datasheet
138Kb / 8P
   High-Voltage - High Power Transistors
May, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com