công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJ11021G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MJ11021G
Giải thích chi tiết về linh kiện  Complementary Darlington Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11021G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MJ11021G Datasheet HTML 1Page - ON Semiconductor MJ11021G Datasheet HTML 2Page - ON Semiconductor MJ11021G Datasheet HTML 3Page - ON Semiconductor MJ11021G Datasheet HTML 4Page - ON Semiconductor MJ11021G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2008
September, 2008 − Rev. 3
1
Publication Order Number:
MJ11021/D
MJ11021(PNP)
MJ11022 (NPN)
Complementary Darlington
Silicon Power Transistors
Complementary Darlington Silicon Power Transistors are designed
for use as general purpose amplifiers, low frequency switching and
motor control applications.
Features
High dc Current Gain @ 10 Adc − hFE = 400 Min (All Types)
Collector−Emitter Sustaining Voltage
VCEO(sus) = 250 Vdc (Min) − MJ11022, 21
Low Collector−Emitter Saturation
VCE(sat) = 1.0 V (Typ) @ IC = 5.0 A
= 1.8 V (Typ) @ IC = 10 A
100% SOA Tested @ VCE = 44 V
IC = 4.0 A
t = 250 ms
Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
250
Vdc
Collector−Base Voltage
VCBO
250
Vdc
Emitter−Base Voltage
VEBO
50
Vdc
Collector Current − Continuous
− Peak (Note 1)
IC
15
30
Adc
Base Current
IB
0.5
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25°C
PD
175
1.16
W
W/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to +175
− 65 to +200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.86
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle ≤ 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−204 (TO−3)
CASE 1−07
STYLE 1
15 AMPERE
COMPLEMENTARY
DARLINGTON POWER
TRANSISTORS
250 VOLTS, 175 WATTS
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MJ11021
TO−3
100 Units/Tray
MJ11022
TO−3
100 Units/Tray
MJ11021G
TO−3
(Pb−Free)
100 Units/Tray
MJ11022G
TO−3
(Pb−Free)
100 Units/Tray
MARKING
DIAGRAM
MJ1102x = Device Code
x = 1 or 2
G= Pb−Free Package
A
= Location Code
YY
= Year
WW
= Work Week
MEX
= Country of Orgin
MJ1102xG
AYYWW
MEX
COLLECTOR
CASE
BASE
1
EMITTER 2
COLLECTOR
CASE
BASE
1
EMITTER 2
NPN
PNP
MJ11022
MJ11021
2
1


Số phần tương tự - MJ11021G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJ11021G ONSEMI-MJ11021G Datasheet
78Kb / 5P
   Complementary Darlington Silicon Power Transistors
December, 2005 ??Rev. 2
More results

Mô tả tương tự - MJ11021G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com