công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJ11016 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MJ11016
Giải thích chi tiết về linh kiện  High-Current Complementary Silicon Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11016 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MJ11016 Datasheet HTML 1Page - ON Semiconductor MJ11016 Datasheet HTML 2Page - ON Semiconductor MJ11016 Datasheet HTML 3Page - ON Semiconductor MJ11016 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2008
September, 2008 − Rev. 5
1
Publication Order Number:
MJ11012/D
MJ11015 (PNP); MJ11012,
MJ11016 (NPN)
MJ11016 is a Preferred Device
High-Current
Complementary Silicon
Transistors
. . . for use as output devices in complementary general purpose
amplifier applications.
High DC Current Gain −
hFE = 1000 (Min) @ IC − 20 Adc
Monolithic Construction with Built−in Base Emitter Shunt
Resistor
Junction Temperature to +200_C
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MJ11012
MJ11015/6
VCEO
60
120
Vdc
Collector−Base Voltage
MJ11012
MJ11015/6
VCB
60
120
Vdc
Emitter−Base Voltage
VEB
5
Vdc
Collector Current
IC
30
Adc
Base Current
IB
1
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25°C @ TC = 100°C
PD
200
1.15
W
W/°C
Operating Storage Junction
Temperature Range
TJ, Tstg
−55 to + 200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.87
°C/W
Maximum Lead Temperature for Sol-
dering Purposes for ≤ 10 Seconds
TL
275
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
http://onsemi.com
30 AMPERE DARLINGTON
POWER TRANSISTORS
COMPLEMENTARY SILICON
60 − 120 VOLTS, 200 WATTS
TO−204AA (TO−3)
CASE 1−07
STYLE 1
MARKING
DIAGRAM
MJ1101x = Device Code
x = 2, 5 or 6
G= Pb−Free Package
A
= Location Code
YY
= Year
WW
= Work Week
MEX
= Country of Orgin
MJ1101xG
AYYWW
MEX
Device
Package
Shipping
ORDERING INFORMATION
MJ11012
TO−3
100 Units/Tray
MJ11012G
TO−3
(Pb−Free)
100 Units/Tray
COLLECTOR
CASE
BASE
1
EMITTER 2
COLLECTOR
CASE
BASE
1
EMITTER 2
NPN
PNP
MJ11016
MJ11015
MJ11012
Preferred devices are recommended choices for future use
and best overall value.
MJ11015
TO−3
100 Units/Tray
MJ11015G
TO−3
(Pb−Free)
100 Units/Tray
MJ11016
TO−3
100 Units/Tray
MJ11016G
TO−3
(Pb−Free)
100 Units/Tray
2
1


Số phần tương tự - MJ11016

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
MJ11016 MOSPEC-MJ11016 Datasheet
140Kb / 3P
   POWER TRANSISTORS(30A,60-120V,200W)
logo
ON Semiconductor
MJ11016 ONSEMI-MJ11016 Datasheet
157Kb / 4P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Wing Shing Computer Com...
MJ11016 WINGS-MJ11016 Datasheet
19Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Central Semiconductor C...
MJ11016 CENTRAL-MJ11016 Datasheet
54Kb / 1P
   Power Transistors
logo
ON Semiconductor
MJ11016 ONSEMI-MJ11016 Datasheet
68Kb / 4P
   High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
More results

Mô tả tương tự - MJ11016

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJ11012 ONSEMI-MJ11012_01 Datasheet
68Kb / 4P
   High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
logo
NTE Electronics
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
   HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ11028 ONSEMI-MJ11028_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Power Transistors
September, 2008 ??Rev. 6
logo
NTE Electronics
NTE2570 NTE-NTE2570 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2515 NTE-NTE2515 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2524 NTE-NTE2524 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2562 NTE-NTE2562 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2564 NTE-NTE2564 Datasheet
22Kb / 2P
   Complementary Silicon Transistors High Current Switch
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com