công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJ11015 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MJ11015
Giải thích chi tiết về linh kiện  High-Current Complementary Silicon Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11015 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MJ11015 Datasheet HTML 1Page - ON Semiconductor MJ11015 Datasheet HTML 2Page - ON Semiconductor MJ11015 Datasheet HTML 3Page - ON Semiconductor MJ11015 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ11015 (PNP); MJ11012, MJ11016 (NPN)
http://onsemi.com
3
30 k
0.3
Figure 2. DC Current Gain (1)
IC, COLLECTOR CURRENT (AMP)
0.5 0.7
1
2
3
10
20
30
7 k
3 k
2 k
700
Figure 3. Small−Signal Current Gain
2
10
f, FREQUENCY (kHz)
20
30
50
70
200 300
500
1.0 k
0.2
0.05
0.02
0.01
10 k
5 k
VCE = 5 Vdc
TJ = 25°C
500
300
5
7
100
5
0.1
Figure 4. “On” Voltages (1)
IC, COLLECTOR CURRENT (AMP)
100
0
VBE(sat)
Figure 5. Active Region DC Safe Operating Area
20 k
PNP MJ11015
NPN MJ11012, MJ11016
4
3
2
1
50
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
35
10
20
200
10
5
0.01
20
2
1
0.2
0.1
0.5
0.05
0.02
50
TJ = 25°C
IC/IB = 100
VCE = 3 Vdc
IC = 10 mAdc
TJ = 25°C
0.1
0.5
1
0.005
700
MJ11012
MJ11015, MJ11016
27
30
70
100
220
50
0.2
0.5
1
10
5
VCE(sat)
PNP MJ11015
NPN MJ11012, MJ11016
PNP MJ11015
NPN MJ11012, MJ11016
BONDING WIRE LIMITATION
THERMAL LIMITATION @ TC = 25°C
SECOND BREAKDOWN LIMITATION
There are two limitations on the power handling ability of
a transistor average junction temperature and secondary
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operations e.g., the transistor must not be subjected to
greater dissipation than the curves indicate.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by secondary breakdown.


Số phần tương tự - MJ11015

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
MJ11015 MOSPEC-MJ11015 Datasheet
140Kb / 3P
   POWER TRANSISTORS(30A,60-120V,200W)
logo
Motorola, Inc
MJ11015 MOTOROLA-MJ11015 Datasheet
157Kb / 4P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
ON Semiconductor
MJ11015 ONSEMI-MJ11015 Datasheet
157Kb / 4P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Wing Shing Computer Com...
MJ11015 WINGS-MJ11015 Datasheet
21Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Central Semiconductor C...
MJ11015 CENTRAL-MJ11015 Datasheet
54Kb / 1P
   Power Transistors
More results

Mô tả tương tự - MJ11015

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJ11012 ONSEMI-MJ11012_01 Datasheet
68Kb / 4P
   High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
logo
NTE Electronics
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
   HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ11028 ONSEMI-MJ11028_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Power Transistors
September, 2008 ??Rev. 6
logo
NTE Electronics
NTE2570 NTE-NTE2570 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2515 NTE-NTE2515 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2524 NTE-NTE2524 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2562 NTE-NTE2562 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2564 NTE-NTE2564 Datasheet
22Kb / 2P
   Complementary Silicon Transistors High Current Switch
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com