công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC04A-200 bảng dữ liệu(PDF) 6 Page - Semtech Corporation

tên linh kiện TC04A-200
Giải thích chi tiết về linh kiện  Battery Tracking TransClamp For SLIC Linecard Protection?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TC04A-200 bảng dữ liệu(HTML) 6 Page - Semtech Corporation

  TC04A-200 Datasheet HTML 1Page - Semtech Corporation TC04A-200 Datasheet HTML 2Page - Semtech Corporation TC04A-200 Datasheet HTML 3Page - Semtech Corporation TC04A-200 Datasheet HTML 4Page - Semtech Corporation TC04A-200 Datasheet HTML 5Page - Semtech Corporation TC04A-200 Datasheet HTML 6Page - Semtech Corporation TC04A-200 Datasheet HTML 7Page - Semtech Corporation TC04A-200 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
TC04A-200
Protecting Multiple SLIC Lines
The TC04A-200 may be used in conjunction with
steering diodes to protect up to four SLIC Tip & Ring
line pairs. The steering diodes shunt positive surges to
ground. The internal diodes of the TC04A-200 may be
used as one of the steering diode pairs as shown. In
this configuration, each line pair may be suged to 100A
(tp=10/100µs) independantly, or all four pairs may be
surged simultaneously up to 25A (tp=10/100µs). This
provides the designer with a flexible, cost effective
solution and increased reliability over low current
protection schemes. The surge immunity of the system
may be further enhanced with the addition of line feed
resistors (LFR). These devices are used for power
cross protection and are designed to withstand light-
ning impulses per Bellcore GR-1089. Device with
resistance values ranging from of 10W - 50W are
common. A 0.1µF capacitor is recommended between
the gate & ground to speed up the triggering the
device.
Note that the sum of the loop currents must not
exceed the holding current of the TC04A-200. In the
case of four twisted pairs, the individual loop currents
would have to be limited to 50mA.
t
n
e
n
o
p
m
o
Cr
e
b
m
u
N
t
r
a
Pe
c
r
u
o
Sn
o
it
p
ir
c
s
e
D
S
V
T0
0
2
-
A
4
0
C
Th
c
e
t
m
e
Sp
m
a
l
C
s
n
a
r
T
g
n
i
k
c
a
r
T
y
r
e
tt
a
B
s
e
d
o
i
D
g
n
ir
e
e
t
SD
1
S
EI
S
G
t
n
u
o
M
e
c
a
f
r
u
S
t
s
a
f
a
rt
l
U
r
e
if
it
c
e
R
R
F
L2
-
R
F
L
AC
R
I
e
n
i
L
s
n
o
it
a
c
i
n
u
m
m
o
c
e
l
e
T
r
o
t
s
i
s
e
R
d
e
e
F
Typical Applications


Số phần tương tự - TC04A-200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TelCom Semiconductor, I...
TC04A TELCOM-TC04A Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC04ACOA TELCOM-TC04ACOA Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC04ACZM TELCOM-TC04ACZM Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
More results

Mô tả tương tự - TC04A-200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
TC03A-200 SEMTECH-TC03A-200 Datasheet
116Kb / 8P
   Battery Tracking TransClamp For SLIC Linecard Protection
logo
Bourns Electronic Solut...
TBU-PL-75-100-WH BOURNS-TBU-PL-75-100-WH Datasheet
908Kb / 1P
   Negative Battery Voltage SLIC Protection
logo
Semtech Corporation
TCLAMP2512N SEMTECH-TCLAMP2512N Datasheet
684Kb / 8P
   Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
logo
Bourns Electronic Solut...
TISP9110LDMR-S BOURNS-TISP9110LDMR-S_11 Datasheet
740Kb / 1P
   SLIC Protection
logo
STMicroelectronics
THBT200S STMICROELECTRONICS-THBT200S Datasheet
66Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THBT200S1 STMICROELECTRONICS-THBT200S1 Datasheet
67Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D_01 Datasheet
126Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT58S1 STMICROELECTRONICS-THDT58S1 Datasheet
79Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D Datasheet
54Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com