công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STF202-30TC bảng dữ liệu(PDF) 4 Page - Semtech Corporation

tên linh kiện STF202-30TC
Giải thích chi tiết về linh kiện  USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF202-30TC bảng dữ liệu(HTML) 4 Page - Semtech Corporation

  STF202-30TC Datasheet HTML 1Page - Semtech Corporation STF202-30TC Datasheet HTML 2Page - Semtech Corporation STF202-30TC Datasheet HTML 3Page - Semtech Corporation STF202-30TC Datasheet HTML 4Page - Semtech Corporation STF202-30TC Datasheet HTML 5Page - Semtech Corporation STF202-30TC Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Objective - March 03, 2000
USB Upstream Port Filter & TVS
For EMI Filtering and ESD Protection
STF202-22
&
STF202-30
APPLICATIONS INFORMATION
Figure 1 - STF202 Circuit Diagram
Device Connection
The STF202 is designed to provide termination, EMI
filtering and ESD protection for two USB I/O lines. The
equivalent circuit diagram is shown in Figure 1. The
device is connected as follows:
1.
Full-Speed Devices: For full-speed devices the
pull-up resistor is connected to the D+ line. Pin 1
is connected to the voltage supply line (V
BUS). The
input of the D+ line is routed into pin 3 and out of
pin 4. The input of the D- line is connected at pin 2
and the output at pin 5. Pin 6 is connected to
ground.
Low-Speed Devices: For low speed devices the
pull-up resistor is connected to the D- line. Pins 1
is connected to the voltage supply line (V
BUS). The
input of the D- line is connected at pin 3 with the
output taken at pin 4. The input of the D+ line is
connected to pin 2 and the output is at pin 5. Pin 6
is connected to ground.
USB Port Design Considerations
The Universal Serial Bus (USB) specification requires
termination and filtering components for proper
operation. In addition, an open USB socket is
vulnerable to hazardous ESD discharges in excess of
15kV. These discharges can may occur on the data
lines or the voltage bus. The STF202 is an easily
implemented solution designed to meet the termination
& EMI filter requirements of the USB specification
revision 1.1. It also provides ESD protection to IEC
61000-4-2, level 4.
A simplified USB port is shown in Figure 3. USB line
termination is achieved with series resistors on both the
D+ and D- lines. These resistors preserve signal
integrity by matching the cable impedance to that of the
differential driver. 15k
Ω pull-down resistors are used to
identify a downstream port while an upstream port is
identified with a 1.5K
Ω pull up resistor on either the D+
(full speed devices) or the D- (low speed devices) data
line. Capacitors are used to bypass high frequency
energy to ground and for edge rate control of the USB
signals. TVS diodes are added for ESD protection of
both (D+ & D-) data lines and the voltage bus (V
BUS). A
power distribution switch and voltage regulator provide
the power management functions of the port.
Semtech provides a complete solution to simplify USB
port design (Figure 4). The STF201 & STF202
Figure 2 - STF202 Connection Diagram
(Full Speed Devices)
1
2
34
5
6
integrate all of the components necessary for line
termination, bidirectional EMI filtering, and ESD
protection on downstream (STF201) or upstream
(STF202) ports. The SC5826 is a dual port power
switch that provides individual or ganged port
switching, fault reporting, and inrush current limiting as
required by the USB specification. The SC5205 ULDO
provides a stable voltage to the USB controller.
Board Placement & Layout Guidelines.
Designing a USB hub to meet EMI & ESD immunity
requirements requires a combination of optimum
component placement, trace routing, and good circuit
design practices. Some general guidelines are given
below:
Avoid running D+ & D- signal line traces near high
speed clock lines or similar signal lines.
Avoid running critical signal lines near board
edges.
Locate the USB controller chip near the USB
connectors.
Place the STF202 near the USB connector to
restrict transient coupling.
Minimize the path length between the USB
connector and the STF202
.


Số phần tương tự - STF202-30TC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
STF202-30.TC SEMTECH-STF202-30.TC Datasheet
182Kb / 7P
   USB Upstream Port Filter and TVS
STF202-30.TCT SEMTECH-STF202-30.TCT Datasheet
182Kb / 7P
   USB Upstream Port Filter and TVS
More results

Mô tả tương tự - STF202-30TC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
ECLAMP2522P SEMTECH-ECLAMP2522P Datasheet
198Kb / 7P
   USB Upstream Port Filter and TVS For EMI Filtering and ESD Protection
ECLAMP2122S SEMTECH-ECLAMP2122S Datasheet
229Kb / 7P
   USB Downstream Port Filter & TVS For EMI Filtering and ESD Protection
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
logo
Littelfuse
SPUSB1AJT LITTELFUSE-SPUSB1AJT Datasheet
62Kb / 3P
   TVS Diode Arrays - Upstream USB Port Terminator with ESD Suppression & EMI Filtering
logo
Semtech Corporation
STF203-15 SEMTECH-STF203-15 Datasheet
174Kb / 6P
   USB Upstream Port Filter and TVS
STF202-22 SEMTECH-STF202-22_04 Datasheet
182Kb / 7P
   USB Upstream Port Filter and TVS
logo
KEC(Korea Electronics)
PF0224TE6 KEC-PF0224TE6 Datasheet
432Kb / 1P
   EMI Filtering TVS For USB Port
PF0314TE6 KEC-PF0314TE6 Datasheet
432Kb / 1P
   EMI Filtering TVS For USB Port
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
   USB UPSTREAM PORT FILTER WITH ESD PROTECTION
logo
KEC(Korea Electronics)
PF1714WLP15 KEC-PF1714WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com