công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMDA05C-7TE bảng dữ liệu(PDF) 1 Page - Semtech Corporation

tên linh kiện SMDA05C-7TE
Giải thích chi tiết về linh kiện  Bidirectional TVS Array for Protection of Seven Lines????
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA05C-7TE bảng dữ liệu(HTML) 1 Page - Semtech Corporation

  SMDA05C-7TE Datasheet HTML 1Page - Semtech Corporation SMDA05C-7TE Datasheet HTML 2Page - Semtech Corporation SMDA05C-7TE Datasheet HTML 3Page - Semtech Corporation SMDA05C-7TE Datasheet HTML 4Page - Semtech Corporation SMDA05C-7TE Datasheet HTML 5Page - Semtech Corporation SMDA05C-7TE Datasheet HTML 6Page - Semtech Corporation SMDA05C-7TE Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
SMDA05C-7 THRU SMDA24C-7
Bidirectional TVS Array
for Protection of Seven Lines
u Transient protection for data lines to
IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20µs)
u Small SO-8 surface mount package
u Protects seven I/O lines
u Working voltages: 5V, 12V, 15V and 24V
u Low leakage current
u Low operating and clamping voltages
u Solid-state silicon avalanche technology
Description
Features
Schematic & PIN Configuration
Revision 9/2000
Applications
Mechanical Characteristics
The SMDAxxC-7 series of transient voltage suppres-
sors are designed to protect components which are
connected to data and transmission lines from voltage
surges caused by ESD (electrostatic discharge), EFT
(electrical fast transients), and lightning.
TVS diodes are characterized by their high surge
capability, low operating and clamping voltages, and
fast response time. This makes them ideal for use as
board level protection of sensitive semiconductor
components. The SMDAxxC-7 is designed to provide
transient suppression on multiple data lines and I/O
ports. The low profile SO-8 design allows the user to
protect up to seven data and I/O lines with one pack-
age.
The SMDAxxC-7 TVS diode array will meet the surge
requirements of IEC 61000-4-2 (Formerly IEC 801-2),
Level 4, “Human Body Model” for air and contact
discharge.
SO-8 (Top View)
u JEDEC SO-8 package
u Molding compound flammability rating: UL 94V-0
u Marking : Part number, date code, logo
u Packaging : Tube or Tape and Reel per EIA 481
u RS-232 & RS-422 Data Lines
u Microprocessor Based Equipment
u LAN/WAN Equipment
u Notebooks, Desktops, & Servers
u Instrumentation
u Peripherals
u Set Top Box
u Serial and Parallel Ports


Số phần tương tự - SMDA05C-7TE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SMDA05C-7 MCC-SMDA05C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMDA05C-7 MICROSEMI-SMDA05C-7 Datasheet
94Kb / 2P
   TVSarray Series
logo
Semtech Corporation
SMDA05C-7 SEMTECH-SMDA05C-7 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
logo
Socay Electornics Co., ...
SMDA05C-7 SOCAY-SMDA05C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
SMDA05C-7 SOCAY-SMDA05C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results

Mô tả tương tự - SMDA05C-7TE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shanghai Leiditech Elec...
SMDA15C-7 LEIDITECH-SMDA15C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA05C-7 LEIDITECH-SMDA05C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA12C-7 LEIDITECH-SMDA12C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA24C-7 LEIDITECH-SMDA24C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
logo
Semtech Corporation
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5 Datasheet
162Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines???
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com