công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC237B bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện BC237B
Giải thích chi tiết về linh kiện  Amplifier Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC237B bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  BC237B Datasheet HTML 1Page - ON Semiconductor BC237B Datasheet HTML 2Page - ON Semiconductor BC237B Datasheet HTML 3Page - ON Semiconductor BC237B Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 5
1
Publication Order Number:
BC237/D
BC237B
Amplifier Transistors
NPN Silicon
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
45
Vdc
Collector − Emitter Voltage
VCES
50
Vdc
Collector − Emitter Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
100
mAdc
Total Power Dissipation @ TA = 25°C
Derate above TA = 25°C
PD
350
2.8
mW
mW/
°C
Total Power Dissipation @ TA = 25°C
Derate above TA = 25°C
PD
1.0
8.0
W
mW/
°C
Operating and Storage Temperature
Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
357
°C/W
Thermal Resistance, Junction−to−Case
RqJC
125
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
BC237B
TO−92
5000 Units / Bulk
BC237BG
TO−92
(Pb−Free)
5000 Units / Bulk
http://onsemi.com
COLLECTOR
1
2
BASE
3
EMITTER
BC237BRL1G
TO−92
(Pb−Free)
2000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
TO−92
CASE 29
STYLE 17
MARKING DIAGRAM
BC23
7B
AYWW
G
G
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Số phần tương tự - BC237B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
BC237B MOTOROLA-BC237B Datasheet
112Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC237B ONSEMI-BC237B Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC237B PHILIPS-BC237B Datasheet
51Kb / 8P
   NPN general purpose transistors
1997 Sep 04
logo
Fairchild Semiconductor
BC237B FAIRCHILD-BC237B Datasheet
45Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
ON Semiconductor
BC237B ONSEMI-BC237B Datasheet
54Kb / 4P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
More results

Mô tả tương tự - BC237B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com