công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS-1500-248 bảng dữ liệu(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

tên linh kiện TS-1500-248
Giải thích chi tiết về linh kiện  1500W True Sine Wave DC-AC Power Inverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEANWELL [Mean Well Enterprises Co., Ltd.]
Trang chủ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-1500-248 bảng dữ liệu(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  TS-1500-248 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TS-1500-248 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E13
SPECIFICATION
TS-1500-112
TS-1500-124
TS-1500-148
TS-1500-212
TS-1500-224
TS-1500-248
75A
21~30VDC
89%
37.5A
42~60VDC
90%
75A
21~30VDC
90%
37.5A
42~60VDC
91%
MODEL
ACVOLTAGE
MAXIMUMOUTPUTPOWER(Typ.)
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION (Typ.)
VOLTAGERANGE (Typ.)Note.1
EFFICIENCY (Typ.)
Note.2
DCCURRENT(Typ.)
Note.5
INPUT
INPUT
BATTERY
OUTPUT
ENVIRONMENT
FUSE
SAFETY &
EMC
BAT.LOW ALARM
BAT.LOWSHUTDOWN
OVERTEMPERATURE
OUTPUTSHORT
REVERSEPOLARITY
GFCIPROCTECTION
PROTECTION
PROTECTION
Truesinewave(THD<3%)atratedinputvoltage
150A
10.5~15VDC
88%
40A*5
30A*3
30A*2
30A*2
30A*3
3.0%
10.5~15VDC
87%
150A
40A*5
82
5
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
;byinternalRTH3detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
82
5
96
5
None
68
5
68
5
68
5
Byinternalfuseopen
UL458(onlyfor"GFCI"receptacle-TypeF)
None
CompliancetoFCCclass A
None
WORKINGTEMP.
Note.3
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
SAFETY STANDARDS
0~+40
@100%load;60
@50%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
UL458(onlyfor"GFCI"receptacle-TypeF)
CompliancetoEN61000-4-2,3,8
CompliancetoEN55022classB,72/245/CEE,95/54/CE,E-Mark
True sine wave output (THD<3%)
Power ON-OFF switch
Standby saving mode can be selectable
Front panel indicator for operation status
Thermostatically controlled cooling fan
Protections: Bat. low alarm / Bat. low shutdown / Over voltage / Over temp.
/ Output short / Input polarity reverse / Overload
Application : Home appliance, power tools, office and portable
equipment, vehicle and yacht ...etc.
Optional monitoring software
3 years warranty
High surge power up to 3000W
High efficiency up to 91%
RATEDPOWER (Typ.)
1500W
OVERLOAD(Typ.)
105~115%loadfor180sec.,115%~150%loadfor10sec.
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
WITHSTANDVOLTAGE
BatI/P - ACO/P:3.0KVAC
ACO/P -FG:1.5KVAC
VIBRATION
10~500Hz,3G10min./1cycle,60min.eachalongX, Y,Zaxes
Features :
OTHERS
PACKING
6.81Kg;2pcs/14.6Kg/1.61CUFT
DIMENSION
420*220*88mm(L*W*H)
NOTE
1.Output derating capacity referenced by curve 1.
2.Efficiency is tested by 1000W, linear load at 13V, 26V, 52V input voltage.
3.Output derating capacity referenced by curve 2.
4.All parameters not specified above are measured at rated load, 25
of ambient temperature.
5.DC current is tested by 1500W, linear load at 13V, 26V, 52V input voltage.
200/220/230/240VACselectablebysettingbutton
100/110/115/120VACselectableby settingbutton
1725Wfor180sec./2250Wfor10sec. /surgepower3000Wfor30cycles
11.3 4%
22.5 4%
45 4%
45 4%
22.5 4%
10.5 4%
21 4%
42 4%
42 4%
21 4%
11.3 4%
10.5 4%
1500W TrueSineWaveDC-ACPowerInverter
T S - 1 5 0 0 series
FileName:TS-1500-SPEC2011-05-24
50 0.1%Hz50/60HzselectablebysettingbuttonS.W
60 0.1Hz50/60HzselectablebysettingbuttonS.W
FRONTPANEL INDICATOR
SAVINGMODE(Typ.)
Defaultdisabled.Load
5Wwillbechangedtostandbymode
Batteryvoltagelevel,outputloadlevel,savingmode,faultandoperationstatus
24V
48V
24V
48V
BAT.VOLTAGE
12V
12V
NOLOADDISSIPATION
18W @ standby saving mode
OFFMODE
DRAW
CURRENT
1mA
BATTERY TYPES
Open&sealedLead Acid
CONTROL WIRING
RJ11-RS232(Option)
LVD
None
EN60950-1
EMCIMMUNITY
EMCEMISSION


Số phần tương tự - TS-1500-248

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mean Well Enterprises C...
TS-1500-248 MEANWELL-TS-1500-248 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500-248A MEANWELL-TS-1500-248A Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500-248B MEANWELL-TS-1500-248B Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500-248C MEANWELL-TS-1500-248C Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500-248D MEANWELL-TS-1500-248D Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
More results

Mô tả tương tự - TS-1500-248

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mean Well Enterprises C...
TS-1500 MEANWELL-TS-1500 Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500_12 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500 Datasheet
649Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500_12 Datasheet
482Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
A-301-1K7 MEANWELL-A-301-1K7 Datasheet
259Kb / 2P
   1500W Modified Sine Wave DC-AC Power Inverter
A-301-1K7_0810 MEANWELL-A-301-1K7_0810 Datasheet
282Kb / 2P
   1500W MODIFIED SINE WAVE DC-AC POWER INVERTER
TS-400 MEANWELL-TS-400_12 Datasheet
365Kb / 2P
   400W True Sine Wave DC-AC Power Inverter
TS-200 MEANWELL-TS-200_10 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-3000 MEANWELL-TS-3000 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com