công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-150D-12 bảng dữ liệu(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

tên linh kiện SD-150D-12
Giải thích chi tiết về linh kiện  150W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEANWELL [Mean Well Enterprises Co., Ltd.]
Trang chủ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-150D-12 bảng dữ liệu(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SD-150D-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-150D-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
SD-150B-12
SD-150C-12
SD-150D-12
SD-150B-24
SD-150C-24
SD-150D-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT (Typ.)
12V
24V
12.5A
6.3A
0~12.5A
0~6.3A
150W
151.2W
120mVp-p
150mVp-p
1.0%
1.0%
11~16VDC
23~30VDC
0.5%
0.5%
0.3%
0.3%
2s,50ms
atfullload
(onlyDmode)
24ms
atfullload
(onlyDmode)
B:19~36VDCC:36~72VDCD:72~144VDCor85~132VAC
75%
6.8A/24V
6.8A/24V
77%
3.4A/48V
3.4A/48V
79%
2.7A/96V
2.7A/96V
77%
80%
82%
D:22.5A/96VDC
<0.75mA /120VAC(SD-150D)
105~135% ratedoutputpower
16.8V~20V/10%LOAD
31.5~37.5V/10%LOAD
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
199*110*50mm(L*W*H)
0.86Kg;16pcs/14.5Kg/0.95CUFT
FileName:SD-150-SPEC2010-07-27
EMSIMMUNITY
CompliancetoEN55022(CISPR22)ClassB
IEC60950-1CBapprovedby TUV(forDtypeonly)
Complianceto
ight
EN61000-4-2,3,4,6,8;ENV50204,l
industrylevel,criteria A
SAFETY STANDARDS
296.2Khrsmin.(SD-150B)289.9Khrsmin.(SD-150C)289KHrsmin.(SD-150D)MIL-HDBK-217F(25
)
150WSingleOutputDC-DCConverter
2:1 wide input range
Protections: Short circuit / Overload / Over voltage
1500VAC I/O isolation
Built-in EMI filter, low ripple noise
100% full load burn-in test
24V and 48V input voltage design refer to LVD
Low cost
High reliability
2 years warranty
Features :
S D - 1 5 0 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 24,48,96VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
(for D type only)


Số phần tương tự - SD-150D-12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Astrodyne Corporation
SD-150D-12 ASTRODYNE-SD-150D-12 Datasheet
204Kb / 2P
   150W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-150D-12 MEANWELL-SD-150D-12 Datasheet
432Kb / 2P
   150W Single Output DC-DC Converter
SD-150D-12 MEANWELL-SD-150D-12 Datasheet
438Kb / 2P
   150W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-150D-12 ASTRODYNE-SD-150D-12 Datasheet
685Kb / 2P
   150W Single Output DC-DC Converter
More results

Mô tả tương tự - SD-150D-12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Astrodyne Corporation
SD150 ASTRODYNE-SD150 Datasheet
685Kb / 2P
   150W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-150 MEANWELL-SD-150_11 Datasheet
438Kb / 2P
   150W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-150 ASTRODYNE-SD-150 Datasheet
204Kb / 2P
   150W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-150 MEANWELL-SD-150 Datasheet
432Kb / 2P
   150W Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150 Datasheet
256Kb / 2P
   150W Railway Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150_12 Datasheet
236Kb / 2P
   150W Railway Single Output DC-DC Converter
MHB150 MEANWELL-MHB150 Datasheet
840Kb / 6P
   150W DC-DC Half-Brick Regulated Single Output Converter
logo
GAPTEC Electronic GmbH ...
150HBRW4 GAPTEC-150HBRW4 Datasheet
3Mb / 7P
   150W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
150QBW4 GAPTEC-150QBW4 Datasheet
3Mb / 6P
   150W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com