công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL062G-D08-T bảng dữ liệu(PDF) 6 Page - Unisonic Technologies |
|
TL062G-D08-T bảng dữ liệu(HTML) 6 Page - Unisonic Technologies |
6 / 8 page TL062 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 4 of 8 www.unisonic.com.tw QW-R105-003,C ■ TYPICAL CHARACTERISTICS Maximum Peak-to-Peak Output Voltage vs. Supply Voltage Supply Voltage, VCC (V) RL = 10kΩ Ta = +25°C See figure 2 30 2 20 10 5 15 25 46 8 10 12 14 16 0 Maximum Peak-to-Peak Output Voltage vs. Free Air Temp. Free Air Temperature (°C) VCC = ±15V RL = 10kΩ See figure 2 30 -50 20 10 5 15 25 -25 0 25 50 75 100 125 0 -75 Maximum Peak-to-Peak Output Voltage vs. Load Resistance Load Resistance (kΩ) 30 200 20 10 5 15 25 400 700 1k 2k 4k 7k 10k 0 Maximum Peak-to-Peak Output Voltage vs. Frequency Frequency (Hz) 30 20 10 5 15 25 10k 100k 1M 10M 0 1k VCC = ±15V Ta = +25°C 100 VCC = ±15V RL = 10kΩ Ta = +25°C See figure 2 VCC = ±12V VCC = ±2V VCC = ±5V Differential Voltage Amplification vs. Free Air Temperature Free Air Temperature (°C) 10 4 2 7 1 VCC = ±15V RL = 10kΩ -50 -25 0 25 50 75 100 125 -75 Input Bias Current vs. Free Air Temperature Free Air Temperature (°C) 100 10 0.1 25 50 100 125 0.01 0 -25 -50 75 VCC = ±15V 1 |
Số phần tương tự - TL062G-D08-T |
|
Mô tả tương tự - TL062G-D08-T |