công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320F2812KGDS150A bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SM320F2812KGDS150A
Giải thích chi tiết về linh kiện  Digital Signal Processor
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SM320F2812KGDS150A bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SM320F2812KGDS150A Datasheet HTML 1Page - Texas Instruments SM320F2812KGDS150A Datasheet HTML 2Page - Texas Instruments SM320F2812KGDS150A Datasheet HTML 3Page - Texas Instruments SM320F2812KGDS150A Datasheet HTML 4Page - Texas Instruments SM320F2812KGDS150A Datasheet HTML 5Page - Texas Instruments SM320F2812KGDS150A Datasheet HTML 6Page - Texas Instruments SM320F2812KGDS150A Datasheet HTML 7Page - Texas Instruments SM320F2812KGDS150A Datasheet HTML 8Page - Texas Instruments SM320F2812KGDS150A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 155 page
background image
SM320F2812-HT
SGUS062A – JUNE 2009 – REVISED APRIL 2010
www.ti.com
6.20
SPI Slave Mode Timing
................................................................................................. 113
6.21
External Interface (XINTF) Timing
..................................................................................... 117
6.22
XINTF Signal Alignment to XCLKOUT
................................................................................ 121
6.23
External Interface Read Timing
........................................................................................ 122
6.24
External Interface Write Timing
........................................................................................ 123
6.25
External Interface Ready-on-Read Timing With One External Wait State
....................................... 125
6.26
External Interface Ready-on-Write Timing With One External Wait State
........................................ 128
6.27
XHOLD and XHOLDA
................................................................................................... 131
6.28
XHOLD/XHOLDA Timing
............................................................................................... 132
6.29
On-Chip Analog-to-Digital Converter
.................................................................................. 134
6.29.1
ADC Absolute Maximum Ratings
........................................................................... 134
6.29.2
ADC Electrical Characteristics Over Recommended Operating Conditions
........................... 135
6.29.3
Current Consumption for Different ADC Configurations (at 25-MHz ADCCLK)
...................... 136
6.29.4
ADC Power-Up Control Bit Timing
.......................................................................... 137
6.29.5
Detailed Description
.......................................................................................... 138
6.29.5.1
Reference Voltage
................................................................................ 138
6.29.5.2
Analog Inputs
..................................................................................... 138
6.29.5.3
Converter
.......................................................................................... 138
6.29.5.4
Conversion Modes
............................................................................... 138
6.29.6
Sequential Sampling Mode (Single Channel) (SMODE = 0)
............................................ 138
6.29.7
Simultaneous Sampling Mode (Dual-Channel) (SMODE = 1)
.......................................... 140
6.29.8
Definitions of Specifications and Terminology
............................................................. 141
6.29.8.1
Integral Nonlinearity
.............................................................................. 141
6.29.8.2
Differential Nonlinearity
.......................................................................... 141
6.29.8.3
Zero Offset
........................................................................................ 141
6.29.8.4
Gain Error
......................................................................................... 141
6.29.8.5
Signal-to-Noise Ratio + Distortion (SINAD)
................................................... 141
6.29.8.6
Effective Number of Bits (ENOB)
............................................................... 141
6.29.8.7
Total Harmonic Distortion (THD)
............................................................... 141
6.29.8.8
Spurious Free Dynamic Range (SFDR)
....................................................... 141
6.30
Multichannel Buffered Serial Port (McBSP) Timing
................................................................. 142
6.30.1
McBSP Transmit and Receive Timing
...................................................................... 142
6.30.2
McBSP as SPI Master or Slave Timing
.................................................................... 145
6.31
Flash Timing
.............................................................................................................. 149
6.31.1
Recommended Operating Conditions
...................................................................... 149
7
Mechanical Data
.............................................................................................................. 151
4
Contents
Copyright © 2009–2010, Texas Instruments Incorporated


Số phần tương tự - SM320F2812KGDS150A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320F2812 TI-SM320F2812 Datasheet
1Mb / 138P
[Old version datasheet]   Digital Signal Processors
SM320F2812 TI1-SM320F2812 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
SM320F2812 TI1-SM320F2812 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
SM320F2812 TI-SM320F2812 Datasheet
2Mb / 173P
[Old version datasheet]   TMS320F281x Digital Signal Processors
SM320F2812 TI-SM320F2812 Datasheet
4Mb / 175P
[Old version datasheet]   TMS320F281x Digital Signal Processors
More results

Mô tả tương tự - SM320F2812KGDS150A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com