công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM320F2810-EP bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
SM320F2810-EP bảng dữ liệu(HTML) 11 Page - Texas Instruments |
11 / 158 page Features 11 March 2004 − Revised April 2010 SGUS051B 1 Features D Controlled Baseline − One Assembly/Test/Fabrication Site D Extended Temperature Performance of −55 °C to 125°C D Enhanced Diminishing Manufacturing Sources (DMS) Support D Enhanced Product-Change Notification D Qualification Pedigree† D High-Performance Static CMOS Technology − 150 MHz (6.67-ns Cycle Time) − Low-Power (1.8-V Core @135 MHz, 1.9-V Core @150 MHz, 3.3-V I/O) Design D JTAG Boundary Scan Support‡ D High-Performance 32-Bit CPU (320C28x) − 16 x 16 and 32 x 32 MAC Operations − 16 x 16 Dual MAC − Harvard Bus Architecture − Atomic Operations − Fast Interrupt Response and Processing − Unified Memory Programming Model − 4M Linear Program/Data Address Reach − Code-Efficient (in C/C++ and Assembly) − 320F24x/LF240x Processor Source Code Compatible D On-Chip Memory − Flash Devices: Up to 128K x 16 Flash (Four 8K x 16 and Six 16K x 16 Sectors) − ROM Devices: Up to 128K x 16 ROM − 1K x 16 OTP ROM − L0 and L1: 2 Blocks of 4K x 16 Each Single-Access RAM (SARAM) − H0: 1 Block of 8K x 16 SARAM − M0 and M1: 2 Blocks of 1K x 16 Each SARAM D Boot ROM (4K x 16) − With Software Boot Modes − Standard Math Tables D External Interface (2812) − Over 1M x 16 Total Memory − Programmable Wait States − Programmable Read/Write Strobe Timing − Three Individual Chip Selects D Clock and System Control − Dynamic PLL Ratio Changes Supported − On-Chip Oscillator − Watchdog Timer Module D Three External Interrupts D Peripheral Interrupt Expansion (PIE) Block That Supports 45 Peripheral Interrupts D Three 32-Bit CPU-Timers D 128-Bit Security Key/Lock − Protects Flash/ROM/OTP and L0/L1 SARAM − Prevents Firmware Reverse Engineering D Motor Control Peripherals − Two Event Managers (EVA, EVB) − Compatible to 240xA Devices D Serial Port Peripherals − Serial Peripheral Interface (SPI) − Two Serial Communications Interfaces (SCIs), Standard UART − Enhanced Controller Area Network (eCAN) − Multichannel Buffered Serial Port (McBSP) D 12-Bit ADC, 16 Channels − 2 x 8 Channel Input Multiplexer − Two Sample-and-Hold − Single/Simultaneous Conversions − Fast Conversion Rate: 80 ns/12.5 MSPS D Up to 56 General Purpose I/O (GPIO) Pins D Advanced Emulation Features − Analysis and Breakpoint Functions − Real-Time Debug via Hardware D Development Tools Include − ANSI C/C++ Compiler/Assembler/Linker − Code Composer Studio ™ IDE − DSP/BIOS ™ D Low-Power Modes and Power Savings − IDLE, STANDBY, HALT Modes Supported − Disable Individual Peripheral Clocks D Package Options − 179-Ball MicroStar BGA ™ (GHH), (2812) − 176-Pin Low-Profile Quad Flatpack (LQFP) (PGF) (2812) TMS320C24x, Code Composer Studio, DSP/BIOS, and MicroStar BGA are trademarks of Texas Instruments. † Component qualification in accordance with JEDEC and industry standards to ensure reliable operation over an extended temperature range. This includes, but is not limited to, Highly Accelerated Stress Test (HAST) or biased 85/85, temperature cycle, autoclave or unbiased HAST, electromigration, bond intermetallic life, and mold compound life. Such qualification testing should not be viewed as justifying use of this component beyond specified performance and environmental limits. ‡ IEEE Standard 1149.1−1990, IEEE Standard Test-Access Port |
Số phần tương tự - SM320F2810-EP_11 |
|
Mô tả tương tự - SM320F2810-EP_11 |