công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV358 bảng dữ liệu(PDF) 3 Page - Unisonic Technologies |
|
LMV358 bảng dữ liệu(HTML) 3 Page - Unisonic Technologies |
3 / 12 page LMV358 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 12 www.unisonic.com.tw QW-R105-010,F ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Supply Voltage VSS 2.7 ~ 5.5 V Supply Voltage (V +- V-) VSS 5.5 V Differential Input Voltage VI(DIFF) ± Supply Voltage Output Short Circuit to V + (Note 2) Output Short Circuit to V - (Note 3) Infrared (15 sec) 215 °C Junction Temperature (Note 4) TJ +150 °C Operation Temperature TOPR -40~+85 °C Storage Temperature TSTG -65~+150 °C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Shorting output to V+ will adversely affect reliability 3. Shorting output to V- will adversely affect reliability 4. The maximum power dissipation is a function of TJ(max) θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD=(TJ(max)-TA)/ θJA. All numbers apply for packages soldered directly into a PC board. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT DIP-8 130 °C/W SOP-8 190 °C/W MSOP-8 235 °C/W Thermal Resistance (Note) TSSOP-8 θJA 155 °C/W Note: All numbers are typical, and apply for packages soldered directly note a PC board is still air. 2.7V ELECTRICAL CHARACTERISTICS All limits guaranteed for TJ =25°C, V +=2.7V, V-=0V, VCM=1.0V, VOUT =V+/2 and RL>1MΩ, unless otherwise specified. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT DC CHARACTERISTICS Input Offset Voltage VOS 1.7 7 mV Input Offset Voltage Average Drift TCVos 5 μV/°C Input Bias Current II(BIAS) 11 250 nA Input Offset Current II(OFF) 5 50 nA Common Mode Rejection Ratio CMRR 0V≤VCM≤1.7V 50 63 dB Power Supply Rejection Ratio PSRR 2.7V≤V + ≤5V VOUT =1V 50 60 dB 0 -0.2 V Input Common-Mode Voltage Range VCM For CMRR≥50dB 1.9 1.7 V V +-100 V +-10 mV Output Swing VOUT RL=10kΩ to 1.35V 60 180 mV Supply Current ISS Both amplifiers 1.2 1.7 mA AC CHARACTERISTICS Gain-Bandwidth Product GBWP CL=200pF 1 MHz Phase Margin Φm 60 Deg Gain Margin Gm 10 dB Input-Referred Voltage Noise eN F=1kHz 46 nV √ Hz Input-referred Current Noise in F=1kHz 0.17 pA √ Hz |
Số phần tương tự - LMV358_09 |
|
Mô tả tương tự - LMV358_09 |