công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34118G-S28-R bảng dữ liệu(PDF) 8 Page - Unisonic Technologies

tên linh kiện MC34118G-S28-R
Giải thích chi tiết về linh kiện  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34118G-S28-R bảng dữ liệu(HTML) 8 Page - Unisonic Technologies

Back Button MC34118G-S28-R Datasheet HTML 4Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 5Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 6Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 7Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 8Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 9Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 10Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 11Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC34118
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 12
www.unisonic.com.tw
QW-R108-007,D
FUNCTIONAL DESCRIPTION(Cont.)
BACKGROUND NOISE MONITORS
To distinguish speech (consists of bursts) from background noise (a relatively constant signal level) is the main
purpose of the background noise monitors. There is one background noise monitor for the receive path and another
one for the transmit path. The receive background noise monitor is operated on by the RLI1-RLO1 level detector, as
same as the transmit background noise monitor is operated on by the TLI2-TLO2 level detector. By storing a DC
voltage representative of the respective noise levels in capacitors at CPR and CPT, the background noise can be
monitored. At these pins, the voltages have slow rise times which determined by the external RC, but fast decay
times. The voltage at the non-inverting input of the monitor’s output comparator won’t be more positive than the
voltage at CPR/CPT when the signal at RLI1/TLI2 changes slowly. But while speech is present, it will rise quicker
than the voltage at the inverting input, causing its output to change. The term’s output is sensed by the attenuator
Control Block.
VOLUME CONTROL
At VLC (pin 13) is the volume control input which is sensed as a voltage with respect to VB. Only in the receive
mode the volume control affects the attenuators. In the receive mode, the receive attenuator’s gain will be +6dB, and
the transmit attenuator’s gain will be -46dB when VLC is equal to VB. When VLC is reduced below VB, the receive
attenuator’s gain is reduced, and the transmit attenuator’s gain is increased, but the sum of them tow remains
constant. Out of the pin VLC, the bias current is typically 60nA.
DIAL TONE DETECTOR
This detector is a comparator with one side connected to RXI and one side input connected to VB with a 15mV
offset. Under this situation: the circuit is in the receive mode, and the incoming signal is greater than 15Mv, the
comparator’s output will change, disabling the receive idle mode. Then receive attenuator will be at a setting only
determined by the volume control.


Số phần tương tự - MC34118G-S28-R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
MC34118G-S28-R UTC-MC34118G-S28-R Datasheet
355Kb / 15P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
More results

Mô tả tương tự - MC34118G-S28-R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
UTCMC34018 UTC-UTCMC34018 Datasheet
182Kb / 14P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082B UTC-U4082B_15 Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Exar Corporation
XR-T65118A EXAR-XR-T65118A Datasheet
1Mb / 17P
   VOICE SWITCHED SPEAKER PHONE CIRCUIT
logo
Unisonic Technologies
UTCMC34118 UTC-UTCMC34118 Datasheet
314Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_15 Datasheet
266Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34118 UTC-MC34118_15 Datasheet
355Kb / 15P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_05 Datasheet
308Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082B UTC-U4082B Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-34018 ESTEK-ET-34018 Datasheet
631Kb / 4P
   LINEAR INTEGRATED CIRCUIT VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
   Voice Switched Speakerphone Circuit with Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12