công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8634SRGET bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8634SRGET
Giải thích chi tiết về linh kiện  12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8634SRGET bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS8634SRGET Datasheet HTML 1Page - Texas Instruments ADS8634SRGET Datasheet HTML 2Page - Texas Instruments ADS8634SRGET Datasheet HTML 3Page - Texas Instruments ADS8634SRGET Datasheet HTML 4Page - Texas Instruments ADS8634SRGET Datasheet HTML 5Page - Texas Instruments ADS8634SRGET Datasheet HTML 6Page - Texas Instruments ADS8634SRGET Datasheet HTML 7Page - Texas Instruments ADS8634SRGET Datasheet HTML 8Page - Texas Instruments ADS8634SRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
MUX
SPI
AIN0
AGND
AVDD
DVDD
REF
REF
HVDD
HVSS
Alarm
Threshold
Comparator
AL_PD
CS, SCLK,
DIN, DOUT
DGND
AINGND
ADC
REFGND
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
ADS8638
Temp
Sensor
MUX
SPI
AIN0
AGND
AVDD
DVDD
REF
HVDD
HVSS
Temp
Sensor
Alarm
Threshold
Comparator
AL_PD
CS, SCLK,
DIN, DOUT
DGND
AINGND
ADC
REFGND
AIN1
AIN2
AIN3
ADS8634
REF
ADS8634
ADS8638
www.ti.com
SBAS541A
– MAY 2011 – REVISED AUGUST 2011
12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
with Software-Selectable Ranges
Check for Samples: ADS8634, ADS8638
1
FEATURES
DESCRIPTION
The ADS8634 and ADS8638 (ADS8634/8) are 12-bit
23
Selectable Input Range:
analog-to-digital
converters
(ADCs)
capable
of
±10V, ±5V, ±2.5V, 0V to 10V, or
measuring inputs up to
±10V at 1MSPS. Using a
0V to 5V
successive approximation register (SAR) core, these
Up to
±12V with External Reference
ADCs provide a sample-and-hold front-end with no
No Latent Conversions Up to 1MSPS
latency in conversions. The ADS8634 includes an
input multiplexer (mux) for measuring up to four
Outstanding Performance:
inputs. The ADS8638 can measure up to eight inputs.
12 Bits No Missing Codes
INL:
±0.9LSB
In addition to the input multiplexer, the ADS8634/8
SNR: 71.8dB
feature an internal temperature sensor, voltage
reference, and a digital comparator for setting alarm
Highly Integrated:
thresholds on each input; therefore, a minimal
4- or 8-Channel Input Mux
amount of external components are required. A
Temperature Sensor
simple
SPI-compatible
interface
provides
for
Internal Voltage Reference
communication
and
control.
The
digital
supply
Alarm Thresholds for Each Channel
operates from 5V all the way down to 1.8V for direct
Low Power:
connection to a wide range of processors and
14.45mW at 1MSPS
controllers.
5.85mW at 0.1MSPS
Ideal
for
demanding
industrial
measurement
Flexible Power-Down Mode
applications, the ADS8634/8 are fully specified over
SPI
™-Compatible Serial Interface
the extended industrial temperature range of
–40°C
to +125
°C and are available in a small form-factor
Extended Temperature Range:
QFN-24 package.
–40°C to +125°C
Small Footprint: 4mm
× 4mm QFN Package
APPLICATIONS
Industrial Process Controls (PLC)
Data Acquisition Systems
High-Speed, Closed-Loop Systems
Digital Power Supplies
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8634SRGET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8634SRGET TI1-ADS8634SRGET Datasheet
1Mb / 76P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges
More results

Mô tả tương tự - ADS8634SRGET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8638 TI1-ADS8638_14 Datasheet
1Mb / 76P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges
logo
Kingbright Corporation
HFT012 KINGBRIGHT-HFT012 Datasheet
684Kb / 13P
   12-bit SAR type Analog-to-Digital converter
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
STMicroelectronics
STEVAL-AKI001V1 STMICROELECTRONICS-STEVAL-AKI001V1 Datasheet
988Kb / 4P
   Evaluation board for the ADC120 8-channel, 50ksps to 1Msps, 12-bit analog to digital converter
Rev 1 - February 2020
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Asahi Kasei Microsystem...
AK9231 AKM-AK9231 Datasheet
341Kb / 11P
   Dual 12-Bit 1MSPS SAR A/D Converter
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com