công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5263IRGCR bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS5263IRGCR
Giải thích chi tiết về linh kiện  Quad Channel 16-Bit, 100-MSPS High-SNR ADC 4 Vpp Full-scale Input
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5263IRGCR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS5263IRGCR Datasheet HTML 1Page - Texas Instruments ADS5263IRGCR Datasheet HTML 2Page - Texas Instruments ADS5263IRGCR Datasheet HTML 3Page - Texas Instruments ADS5263IRGCR Datasheet HTML 4Page - Texas Instruments ADS5263IRGCR Datasheet HTML 5Page - Texas Instruments ADS5263IRGCR Datasheet HTML 6Page - Texas Instruments ADS5263IRGCR Datasheet HTML 7Page - Texas Instruments ADS5263IRGCR Datasheet HTML 8Page - Texas Instruments ADS5263IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
RGC Package
(Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
64
18
63
19
62
20
61
21
60
22
59
23
58
24
57
25
56
26
55
27
54
28
53
29
52
30
51
31
50
32
49
P0056-19
OUT1P
OUT1M
IN2A_P
IN2A_M
AGND
IN4B_P
IN4B_M
AGND
IN4A_P
IN4A_M
AGND
IN3A_P
IN3A_M
IN2B_P
AGND
LGND
AGND
IN3B_P
IN3B_M
IN2B_M
LGND
PD
LGND
OUT8P
OUT8M
LVDD
IN1A_P
IN1A_M
AGND
IN1B_P
IN1B_M
AGND
Thermal Pad
64 QFN
ADS5263
www.ti.com
SLAS760A
– MAY 2011 – REVISED AUGUST 2011
PIN CONFIGURATION
– ADS5263
64 QFN (THERMAL PAD)
PIN FUNCTIONS
PIN
NO. OF
PIN NAME
DESCRIPTION
PINS
TYPE
NO.
ADCLKM
LVDS frame clock (1X)
– negative output
O
24
ADCLKP
LVDS frame clock (1X)
– positive output
O
23
AGND
Analog ground
I
3, 6, 9, 37,
7
40, 43, 46
AVDD
Analog power supply, 3.3 V
I
50, 57, 60
3
CLKM
Negative differential clock input. For single-ended clock, tie CLKM to ground.
I
59
1
CLKP
Positive differential clock input
I
58
1
CS
Serial interface enable input, active LOW. The pin has an internal 300-k
Ω pulldown resistor to
I
61
1
ground
IN1A_P, IN1A_M
Differential analog input for channel 1, 16 bit ADC
I
1, 2
2
IN1B_P, IN1B_M
Differential analog input for channel 1, 14 bit ADC
I
4, 5
2
IN2A_P, IN2A_M
Differential analog input for channel 2, 16 bit ADC
I
7, 8
2
IN2B_P, IN2B_M
Differential analog input for channel 2, 14 bit ADC
I
10, 11
2
IN3A_P, IN3A_M
Differential analog input for channel 3, 16 bit ADC
I
41, 42
2
IN3B_P, IN3B_M
Differential analog input for channel 3, 14 bit ADC
I
38, 39
2
IN4A_P, IN4A_M
Differential analog input for channel 4, 16 bit ADC
I
47, 48
2
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :ADS5263


Số phần tương tự - ADS5263IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5263IRGCR TI1-ADS5263IRGCR Datasheet
1Mb / 75P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263IRGCR-NM TI1-ADS5263IRGCR-NM Datasheet
1Mb / 75P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
More results

Mô tả tương tự - ADS5263IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5263 TI1-ADS5263_15 Datasheet
2Mb / 84P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263 TI-ADS5263_13 Datasheet
1Mb / 82P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263_1110 TI1-ADS5263_1110 Datasheet
1Mb / 75P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
logo
Analog Devices
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD9446 AD-AD9446 Datasheet
952Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
logo
Asahi Kasei Microsystem...
AK8411 AKM-AK8411 Datasheet
346Kb / 25P
   Single Channel Input, 16 Bit 5 MSPS Video ADC
logo
Texas Instruments
ADS5294 TI1-ADS5294 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294IPFP TI1-ADS5294IPFP Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com