công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8634 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8634
Giải thích chi tiết về linh kiện  12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8634 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS8634 Datasheet HTML 2Page - Texas Instruments ADS8634 Datasheet HTML 3Page - Texas Instruments ADS8634 Datasheet HTML 4Page - Texas Instruments ADS8634 Datasheet HTML 5Page - Texas Instruments ADS8634 Datasheet HTML 6Page - Texas Instruments ADS8634 Datasheet HTML 7Page - Texas Instruments ADS8634 Datasheet HTML 8Page - Texas Instruments ADS8634 Datasheet HTML 9Page - Texas Instruments ADS8634 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
t
su(CS-SCLK)
t
d(CS-DO)
1R
1F
2
3
4
5
12
13
14
15
16R 16F
CS
SCLK
DOUT
DIN
Acquisition
(Internal)
t
h(SCLK-DOUT)
t
w(SCLK_H)
t
w(SCLK_L)
t
d(CS-DOHZ)
t
su(DIN-SCLK)
t
h(SCLK-DIN)
1/f
SAMPLE
t
c
t
(ACQ)
t
d(SCLK-DOUT)
ADS8634
ADS8638
SBAS541A
– MAY 2011 – REVISED AUGUST 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TIMING DIAGRAM
Table 1. Timing Requirements(1)(2)(3)
ADS8634, ADS8638
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DVDD = 1.8V
15
SCLK
tc
Conversion time
DVDD = 3V
15
SCLK
DVDD = 5V
15
SCLK
DVDD = 1.8V
250
ns
t(ACQ)
Acquisition time
DVDD = 3V
250
ns
DVDD = 5V
250
ns
DVDD = 1.8V
52.5
ns
td(CS-DO)
Delay time, CS low to first data (D0 to D15) out
DVDD = 3V
40.0
ns
DVDD = 5V
30.5
ns
DVDD = 1.8V
26.0
ns
tsu(CS-SCLK)
Setup time, CS low to first SCLK rising edge
DVDD = 3V
18.5
ns
DVDD = 5V
15.5
ns
DVDD = 1.8V
51.5
ns
td(SCLK-DOUT) Delay time, SCLK falling to DOUT
DVDD = 3V
33.0
ns
DVDD = 5V
25.3
ns
DVDD = 1.8V
5.5
ns
th(SCLK-DOUT) Hold time, SCLK falling to DOUT valid
DVDD = 3V
5.0
ns
DVDD = 5V
4.7
ns
DVDD = 1.8V
7.3
31.0
ns
td(CS-DOHZ)
Delay time CS high to DOUT high-z
DVDD = 3V
6.4
22.0
ns
DVDD = 5V
5.9
16.4
ns
(1)
All specifications at
–40°C to +125°C, unless otherwise noted.
(2)
1.8V specifications apply from 1.65V to 1.95V; 3V specifications apply from 2.7V to 3.6V; and 5V specifications apply from 4.75V to
5.25V.
(3)
With 20pF load on DOUT.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8634 ADS8638


Số phần tương tự - ADS8634

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8634SRGER TI1-ADS8634SRGER Datasheet
1Mb / 76P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges
ADS8634SRGET TI1-ADS8634SRGET Datasheet
1Mb / 76P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges
More results

Mô tả tương tự - ADS8634

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8638 TI1-ADS8638_14 Datasheet
1Mb / 76P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges
logo
Kingbright Corporation
HFT012 KINGBRIGHT-HFT012 Datasheet
684Kb / 13P
   12-bit SAR type Analog-to-Digital converter
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
STMicroelectronics
STEVAL-AKI001V1 STMICROELECTRONICS-STEVAL-AKI001V1 Datasheet
988Kb / 4P
   Evaluation board for the ADC120 8-channel, 50ksps to 1Msps, 12-bit analog to digital converter
Rev 1 - February 2020
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Asahi Kasei Microsystem...
AK9231 AKM-AK9231 Datasheet
341Kb / 11P
   Dual 12-Bit 1MSPS SAR A/D Converter
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com