công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD-25B bảng dữ liệu(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

tên linh kiện PD-25B
Giải thích chi tiết về linh kiện  25W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEANWELL [Mean Well Enterprises Co., Ltd.]
Trang chủ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PD-25B bảng dữ liệu(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PD-25B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PD-25B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PD-25A
PD-25B
PD-2505
PD-2512
PD-2515
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
5V
5V
5V
12V
15V
2.1A
1.2A
2.5A
1A
0.8A
0.2~2.5A
0.2~2A
0.1~3A
0.1~1.2A
0.1~1A
25W
25.2W
25W
24W
24W
50mVp-p
50mVp-p
50mVp-p
50mVp-p
50mVp-p
2.0%
2.0%
4.0%
4.0%
4.0%
4.0%
6.0%
6.0%
6.0%
6.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
3.0%
3.0%
3.0%
3.0%
4.0%
4.0%
4.0%
4.0%
250ms,50ms/230VAC250ms,30ms/115VACatfullload
100ms/230VAC16ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
71%
77%
73%
74%
75%
0.65A/115VAC0.4A/230VAC
COLDSTART 32A
<0.5mA /240VAC
Above105% ratedoutputpower
5.75~6.75V 13.8~16.2V 5.75~6.75V 27.6~32.4V 5.75~6.75V
13.8~16.2V
-5.75~-6.75V
-13.8~-16.2V 17.3~20.3V -17.3~-20.3V
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1approved
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)ONCH1output
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
507.9Khrsmin.MIL-HDBK-217F(25
)
107*61*28mm(L*W*H)
0.15Kg;96pcs/15.9Kg/1.3CUFT
FileName:PD-25-SPEC2011-03-31
1.2A
0.8A
2.5A
1A
0.8A
0.1~1.5A
0.1~1A
0.1~2.5A
0.1~1.2A
0.1~1A
150mVp-p
200mVp-p
50mVp-p
50mVp-p
50mVp-p
12V
CH2
CH2
CH2
CH2
CH2
24V
-5V
-12V
-15V
OVERTEMPERATURE
HARMONICCURRENT
EMSIMMUNITY
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,lightindustrylevel,criteria A
25WDualOutputSwitchingPowerSupply
P D - 2 5 series
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
. Heat Sink HS1,HS2,HS3 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
5
Tj135
typically(U1)detectonmaincontrolIC
Universal AC input / Full range
Low leakage current<0.5mA
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 100KHz
Low cost
High reliability
2 years warranty
CH1
CH1
CH1
CH1
CH1
OUTPUTNUMBER


Số phần tương tự - PD-25B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Astrodyne Corporation
PD-25B ASTRODYNE-PD-25B Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-25B MEANWELL-PD-25B Datasheet
418Kb / 2P
   25W Dual Output Switching Power Supply
logo
XP Power Limited
PD-25B XPPOWER-PD-25B Datasheet
838Kb / 4P
   25W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
PD-25B RSG-PD-25B Datasheet
221Kb / 2P
   25W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD-25B ASTRODYNE-PD-25B Datasheet
600Kb / 4P
   25W Dual Output Switching Power Supply
More results

Mô tả tương tự - PD-25B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RSG Electronic Componen...
PD-25 RSG-PD-25 Datasheet
221Kb / 2P
   25W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-25 MEANWELL-PD-25 Datasheet
418Kb / 2P
   25W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD25 ASTRODYNE-PD25 Datasheet
600Kb / 4P
   25W Dual Output Switching Power Supply
logo
XP Power Limited
PD-25A XPPOWER-PD-25A Datasheet
838Kb / 4P
   25W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-2503 MEANWELL-PD-2503 Datasheet
317Kb / 2P
   25W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com