công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS12E07 bảng dữ liệu(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

tên linh kiện GS12E07
Giải thích chi tiết về linh kiện  10 ~ 12WAC-DC Single Output Wall-mounted type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEANWELL [Mean Well Enterprises Co., Ltd.]
Trang chủ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS12E07 bảng dữ liệu(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GS12E07 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS12E07 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
78.5%
78.5%
76%
78.5%
80%
80%
80.5%
SPECIFICATION
GS12E05-P1I
GS12E07-P1I
GS12E09-P1I
GS12E12-P1I
GS12E15-P1I
GS12E18-P1I
GS12E24-P1I
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
RATEDCURRENT
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PLUG
CABLE
OVERLOAD
OVERVOLTAGE
9V
7.5V
5V
12V
15V
18V
24V
GS12E12
GS12E15
GS12E18
GS12E24
1.33A
1.6A
2.0A
1.0A
0.8A
0.67A
0.5A
CURRENTRANGE
0~1.33A
0~1.6A
0~2.0A
0~1.0A
0~0.8A
0~0.67A
0~0.5A
RIPPLE&NOISE(max.) Note.2
90mVp-p
90mVp-p
75mVp-p
120mVp-p
150mVp-p
180mVp-p
200mVp-p
VOLTAGETOLERANCE Note.3
LINEREGULATION
Note.4
LOADREGULATION
Note.5
3.0%
3.0%
1.0%
1.0%
1.0%
1.0%
1.0%
5.0%
4.0%
4.0%
5.0%
1.0%
1.0%
4.0%
4.0%
3.0%
3.0%
3.0%
3.0%
2.0%
2.0%
500ms,20ms,30ms/230VAC
atfullload
500ms,20ms,10ms/115VAC
90~264VAC135~370VDC
47~63Hz
0.31
A /230VAC
A /115VAC0.16
COLDSTART 25A /115VAC45A /230VAC
0.25mA /240VAC
>105%ratedoutputpower
115%~135%
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
1414.6Khrsmin.MIL-HDBK-217F (25
)
0~+50
(Referto"DeratingCurve")
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~40
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
65*47*26.5mm(L*W*H)
1.All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Tolerance: includes set up tolerance, line regulation, load regulation.
4.Line regulation is measured from low line to high line at rated load.
5.Load regulation is measured from 10% to 100% rated load.
6.The over temperature protection (OTP) is the built-in function of the control IC (U1). The activating level described above is based on the specification
provided by the IC manufacturer.
CONNECTOR
GS12E09
GS12E07
GS12E05
RATEDPOWER
12W
12W
12W
12W
10W
12.06W
12W
StandardtypeP1I:2.1
*5.5
*9.5mmturningforktype,centerpositiveforstock;Othertypeavailablebycustomerrequested
StandardtypeUL11856ft(4FT onlyfor5Voutput)forstock;Othertypeavailablebycustomerrequested
Features :
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Clampbyzenerdiode
ENVIRONMENT
PROTECTION
U1 Tj140
typically(U1)DetectonmaincontrolIC
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
OVERTEMPERATURE Note.6
10~12W AC-DCSingleOutputWall-mountedtype
G S 1 2 E series
Universal AC input / Full range
No load power consumption< 0.3W
ErP step2 compliant
Meet EISA 2007 (Energy Independence and Security Act)
2
Class
power (without earth pin)
Protections: Short circuit / Overload / Over voltage / Over temperature
Fully enclosed plastic case
Approvals: TUV / CB / CE
Pass LPS for full series
2 years warranty
pole EURO plug
TUVEN60950-1 approved
I/P-O/P:3KVAC
I/P-O/P:
/25
/70%RH
100MOhms/500VDC
CompliancetoEN55022,EN61204-3,EN61000-3-2,3,FCCpart15classB
CompliancetoEN61000-4-2,3,4,5,6,8,11,
l
criteria A
EN61204-3, ightindustrylevel,
PACKING
0.15Kg;100pcs/16Kg/CARTON
EMCIMMUNITY
EMCEMISSION
FileName:GS12E-SPEC2011-06-14


Số phần tương tự - GS12E07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mean Well Enterprises C...
GS12E07 MEANWELL-GS12E07 Datasheet
117Kb / 2P
   10 ~ 12WAC-DC Single Output Wall-mounted type
GS12E07-P1I MEANWELL-GS12E07-P1I Datasheet
117Kb / 2P
   10 ~ 12WAC-DC Single Output Wall-mounted type
More results

Mô tả tương tự - GS12E07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mean Well Enterprises C...
GS12U MEANWELL-GS12U_11 Datasheet
224Kb / 2P
   10 ~ 12WAC-DC Single Output Wall-mounted type
GS12U MEANWELL-GS12U Datasheet
98Kb / 2P
   10 ~ 12WAC-DC Single Output Wall-mounted type
GS12E MEANWELL-GS12E Datasheet
117Kb / 2P
   10 ~ 12WAC-DC Single Output Wall-mounted type
GS18E MEANWELL-GS18E Datasheet
110Kb / 2P
   10~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U Datasheet
100Kb / 2P
   10~18WAC-DC Single Output Wall-mounted type
GE12 MEANWELL-GE12 Datasheet
192Kb / 2P
   10~15WAC-DC Single Output Interchangeable Wall-mounted type
GS05E-USB MEANWELL-GS05E-USB Datasheet
94Kb / 3P
   5WAC-DC Single Output Wall-mounted type
GS05U-USB MEANWELL-GS05U-USB Datasheet
155Kb / 2P
   5WAC-DC Single Output Wall-mounted type
ES25E MEANWELL-ES25E Datasheet
171Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25U MEANWELL-GS25U Datasheet
99Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com