công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5V49EE901NLGI bảng dữ liệu(PDF) 4 Page - Integrated Device Technology

tên linh kiện 5V49EE901NLGI
Giải thích chi tiết về linh kiện  EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V49EE901NLGI bảng dữ liệu(HTML) 4 Page - Integrated Device Technology

  5V49EE901NLGI Datasheet HTML 1Page - Integrated Device Technology 5V49EE901NLGI Datasheet HTML 2Page - Integrated Device Technology 5V49EE901NLGI Datasheet HTML 3Page - Integrated Device Technology 5V49EE901NLGI Datasheet HTML 4Page - Integrated Device Technology 5V49EE901NLGI Datasheet HTML 5Page - Integrated Device Technology 5V49EE901NLGI Datasheet HTML 6Page - Integrated Device Technology 5V49EE901NLGI Datasheet HTML 7Page - Integrated Device Technology 5V49EE901NLGI Datasheet HTML 8Page - Integrated Device Technology 5V49EE901NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
IDT5V49EE901
EEPROM PROGRAMMABLE CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE CLOCK GENERATOR
4
IDT5V49EE901
REV J 022310
OUT1
10
7
O
Adjustable1
Configurable clock output 1. Single-ended or differential
when combined with OUT2.
OUT2
11
8
O
Adjustable1
Configurable clock output 2. Single-ended or differential
when combined with OUT1.
OUT3
24
24
O
Adjustable1
Configurable clock output 3. Single-ended or differential
when combined with OUT6.
OUT4
13
10
O
Adjustable1,2
Configurable clock output 4. Single-ended or differential
when combined with OUT4b.
OUT4b
14
11
O
Adjustable1,2
Configurable clock output 4b. Single-ended or differential
when combined with OUT4.
OUT5
16
14
O
Adjustable1,2
Configurable clock output 5. Single-ended or differential
when combined with OUT5b.
OUT5b
17
15
O
Adjustable1,2
Configurable clock output 5b. Single-ended or differential
when combined with OUT5.
OUT6
23
23
O
Adjustable1
Configurable clock output 6. Single-ended or differential
when combined with OUT3.
VDD
25
1, 9, 12,
16, 25,
32
Power
Device power supply. Connect to 3.3V.
VDDx
7
4
Power
Crystal oscillator power supply. Connect to 3.3V. Use
filtered analog power supply if available.
AVDD
21
21
Power
Device analog power supply. Connect to 3.3V. Use
filtered analog power supply if available.
GND
9, 15,
22,
PAD
6, 13,
17, 22,
31,PAD
Power
Connect to Ground.
1.Outputs are user programmable to drive single-ended 3.3-V LVTTL, or differential LVDS, LVPECL or HCSL interface levels
2. When only an individual single-ended clock output is required, tie OUT# and OUT#b together.
Pin Name
PG28
Pin#
NL32
Pin#
I/O
Pin Type
Pin Description


Số phần tương tự - 5V49EE901NLGI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
5V49EE901NLGI IDT-5V49EE901NLGI Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE901NLGI RENESAS-5V49EE901NLGI Datasheet
597Kb / 37P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
5V49EE901NLGI8 IDT-5V49EE901NLGI8 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE901NLGI8 RENESAS-5V49EE901NLGI8 Datasheet
597Kb / 37P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results

Mô tả tương tự - 5V49EE901NLGI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE902 RENESAS-IDT5V49EE902 Datasheet
571Kb / 34P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V49EE901 IDT-IDT5V49EE901_15 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE903 IDT-IDT5V49EE903 Datasheet
361Kb / 31P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com