công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5V49EE504NLGI8 bảng dữ liệu(PDF) 10 Page - Integrated Device Technology

tên linh kiện 5V49EE504NLGI8
Giải thích chi tiết về linh kiện  EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V49EE504NLGI8 bảng dữ liệu(HTML) 10 Page - Integrated Device Technology

Back Button 5V49EE504NLGI8 Datasheet HTML 6Page - Integrated Device Technology 5V49EE504NLGI8 Datasheet HTML 7Page - Integrated Device Technology 5V49EE504NLGI8 Datasheet HTML 8Page - Integrated Device Technology 5V49EE504NLGI8 Datasheet HTML 9Page - Integrated Device Technology 5V49EE504NLGI8 Datasheet HTML 10Page - Integrated Device Technology 5V49EE504NLGI8 Datasheet HTML 11Page - Integrated Device Technology 5V49EE504NLGI8 Datasheet HTML 12Page - Integrated Device Technology 5V49EE504NLGI8 Datasheet HTML 13Page - Integrated Device Technology 5V49EE504NLGI8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
IDT5V49EE504
EEPROM PROGRAMMABLE CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE CLOCK GENERATOR
10
IDT5V49EE504
REV F 022310
Spread Spectrum Generation (PLL3)
PLL3 support spread spectrum generation capability, which
users have the option of turning on and off. Spread
spectrum profile, frequency, and spread are fully
programmable (within limits). The technique is different from
that used in PLL0. The programmable spread spectrum
generation parameters are SS_D3[7:0], SSVCO[15:0],
SSENB, IP3[4:0] and RZ3[3:0] bits. These bits are in the
memory address range of 0x4C to 0x85 for PLL3. The
spread spectrum generation on PLL3 can be
enabled/disabled using the SSENB bit. To enable spread
spectrum, set SSENB = '1'.
For Spread Enabled:
Spread spectrum is configured using SS_D3(spread
spectrum reference divide)
and SSVCO (spread spectrum loop feedback counter).
SS is the total Spread Spectrum amount (I.e. center spread
+0.5% has a total spread of 1.0% and down spread -0.5%
has a total spread of 0.5%.)
Loop Filter
The loop filter for each PLL can be programmed to optimize
the jitter performance. The low-pass frequency response of
the PLL is the mechanism that dictates the jitter transfer
characteristics. The loop bandwidth can be extracted from
the jitter transfer. A narrow loop bandwidth is good for jitter
attenuation while a wide loop bandwidth is best for low-jitter
frequency generation. The specific loop filter components
that can be programmed are the resistor via the RZ[3:0] bits,
zero capacitor via the CZ bit (for PLL0, PLL1 and PLL2), and
the charge pump current via the IP[2:0] bits (for PLL0, PLL1
and PLL2) or IP[3:0] (for PLL3).
The following equations govern how the loop filter is set for
PLL0 - PLL2:
Resistor (Rz) = (RZ[0] + 2* RZ[1]+4* RZ[2] + 8* RZ[3])* 4.0
kOhm
Zero capacitor (Cz) = 196 pF + CZ* 217 pF
Pole capacitor (Cp) = 15 pF
Charge pump (Ip) = 6 * (IP[0] + 2*IP[1]+4*IP[2]) uA
VCO gain (KVCO) = 900 MHz/V * 2
π
The following equations govern how the loop filter is set for
PLL3:
For Non-Spread Spectrum Operation:
For Spread Spectrum Operation:
Zero capacitor (Cz) = 250 pF
Pole capacitor (Cp) = 15 pF
For Non-Spread Spectrum Operation:
For Spread Spectrum Operation:
VCO gain (KVCO) = 900 MHz/V * 2
π
=
SS_D3
(Eq. 10)
F
IN
4 * F
MOD
SSVCO =
F
VCO
F
MOD
[0.5 *
*
(Eq. 11)
( 1 + SS/400) + 5]
Resistor(Rz)=
(12.5+12.5*(RZ[1] +2*RZ[2] +4*RZ[3]))
* RZ[0] +6*(1 – RZ[0])
kOhms (Eq. 12)
Resistor(Rz)=
(62.5+12.5*(RZ[1] +2*RZ[2] +4*RZ[3]))
* RZ[0] +6*(1 – RZ[0])
kOhms (Eq. 13)
Charge
pump(Ip)
=
24* (1+(2* IP[0]) +(4* IP[1]) +(8* IP[2]))
A (Eq. 14)
3+(5* IP[3]) +(11* IP[4])
Charge
pump(Ip)
=
12* (1+(2* IP[0]) +(4* IP[1]) +(8* IP[2]))
A (Eq. 14)
27+(5* IP[3]) +(11* IP[4])


Số phần tương tự - 5V49EE504NLGI8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
5V49EE504NLGI8 IDT-5V49EE504NLGI8 Datasheet
328Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE504NLGI8 RENESAS-5V49EE504NLGI8 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results

Mô tả tương tự - 5V49EE504NLGI8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE902 RENESAS-IDT5V49EE902 Datasheet
571Kb / 34P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V49EE901 IDT-IDT5V49EE901_15 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE903 IDT-IDT5V49EE903 Datasheet
361Kb / 31P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com