công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5V49EE504NLGI bảng dữ liệu(PDF) 9 Page - Integrated Device Technology

tên linh kiện 5V49EE504NLGI
Giải thích chi tiết về linh kiện  EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V49EE504NLGI bảng dữ liệu(HTML) 9 Page - Integrated Device Technology

Back Button 5V49EE504NLGI Datasheet HTML 5Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 6Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 7Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 8Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 9Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 10Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 11Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 12Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
IDT5V49EE504
EEPROM PROGRAMMABLE CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE CLOCK GENERATOR
9
IDT5V49EE504
REV F 022310
Profile:
Waveform starts with SS_OFFSET, SS_OFFSET + SDJ,
SS_OFFSET + SDJ+1, etc.
Spread Spectrum Using Sinusoidal Profile
Example
FIN = 25MHz, FOUT = 100MHz, Fssc = 33KHz with center
spread of ±2%. Find the necessary spread spectrum
register settings.
Since the spread is center, the SS_OFFSET can be set to
'0'. Solve for the nominal M value; keep in mind that the
nominal M should be chosen to maximize
the VCO. Start with D = 1, using Eq.6 and Eq.7.
MNOM = 1200MHz / 25MHz = 48
Using Eq.4, we arbitrarily choose N = 22, A = 3. Now that we
have the nominal M value, we can determine TSSC and
NSSC by using Eq.8.
Nssc * Tssc = 25MHz / (33KHz * 4) = 190
However, using Eq. 2 and Eq.3, we find that the closest
value is when TSSC = 14 and NSSC = 6. Keep in mind to
maximize the number of samples used
to enhance the profile of the spread spectrum waveform.
Tssc = 14 + 2 = 16
Nssc = 6 * 2 = 12
Nssc * Tssc = 192
Use Eq.10 to determine the value of the
sigma-delta-encoded samples.
±2% =
(Σ∆ * 100)/(64 * 48)
Σ∆ = 61.4
Either round up or down to the nearest integer value.
Therefore, we end up with 61 or 62 for sigma-delta-encoded
samples. Since the sigma-delta-encoded samples must not
exceed 63 with SS_OFFSET set to '0', 61 or 62 is well within
the limits. It is the discretion of the user to define the shape
of the profile that is better suited for the intended application.
Using Eq. 9 again, the actual spread for the
sigma-delta-encoded samples of 56 and 57 are ±1.99% and
±2.02%, respectively.
Use Eq.10 to determine if the X2 bit needs to be set;
Amplitude = 48 * (1.99 or 2.02) / 100/2 = 0.48 < 1
Therefore, the X2 = '0 '. The dither bit is left to the discretion
of the user.
The example above was of a center spread using spread
spectrum. For down spread, the nominal M value can be set
one integer value lower to 47.
Note that the IDT5V49EE504 should not be programmed
with TSSC > '0', SS_OFFSET = '0', and SD = '0' in order to
prevent an unstable state in the modulator.
The PLL loop bandwidth must be at least 10x the
modulation frequency along with higher damping (larger
ωuz) to prevent the spread spectrum from being filtered and
reduce extraneous noise. Refer to the LOOP FILTER
section for more detail on
ωuz. The A[3:0] must be used for
spread spectrum, even if the total multiplier value is an even
integer.


Số phần tương tự - 5V49EE504NLGI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
5V49EE504NLGI IDT-5V49EE504NLGI Datasheet
328Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE504NLGI RENESAS-5V49EE504NLGI Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
5V49EE504NLGI8 IDT-5V49EE504NLGI8 Datasheet
328Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE504NLGI8 RENESAS-5V49EE504NLGI8 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results

Mô tả tương tự - 5V49EE504NLGI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE902 RENESAS-IDT5V49EE902 Datasheet
571Kb / 34P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V49EE901 IDT-IDT5V49EE901_15 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE903 IDT-IDT5V49EE903 Datasheet
361Kb / 31P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com