công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC-306 bảng dữ liệu(PDF) 1 Page - Epson ToYoCom

tên linh kiện MC-306
Giải thích chi tiết về linh kiện  kHz RANGE CRYSTAL UNIT SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EPSONTOYOCOM [Epson ToYoCom]
Trang chủ  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

MC-306 bảng dữ liệu(HTML) 1 Page - Epson ToYoCom

  MC-306 Datasheet HTML 1Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Epson Toyocom
Product Number (please contact us)
MC-306
: Q13MC3061xxxx00
MC-405
: Q1xMC4051xxxx00
MC-406
: Q1xMC4061xxxx00
kHz RANGE CRYSTAL UNIT
SMD
MC - 306
MC - 405 / MC - 406
•Frequency range
:
32.768 kHz (20 kHz to 165 kHz)
•Thickness
:
8.0 × 3.8 × 2.54 t (mm) ···MC-306
10.41 × 4.06 × 3.6 t (mm) ···MC-405 / 406
•Overtone order
:
Fundamental /Overtone (307.2 kHz)
•Applications
:
Clock and Microcomputer
MC-306
MC-405 / 406
Specifications (characteristics)
Item
Symbol
Specifications
Remarks
Nominal frequency range
f_nom
32.768 kHz
20 kHz to 165 kHz
307.2 kHz(MC-405 / 406)
Please contact us regarding available frequencies
Temperature
range
Storage temperature
T_stg
-55
°C to +125 °C
Store as bare product after unpacking
Operating temperature
T_use
-40
°C to +85 °C
Level of drive
DL
1.0
μW Max.
Frequency tolerance (standard)
f_tol
±20 × 10-6, ±50 × 10-6
±50 × 10-6, ±100 × 10-6
+25
°C, DL=0.1 μW
Turnover temperature
Ti
+25
°C ±5 °C
Parabolic coefficient
B
-0.04
× 10-6 / °C2 Max.
Load capacitance
CL
6 pF to
∞ (standard :12.5 pF)
Please specify
Motional resistance (ESR)
R1
50 k
Ω Max.
55 k
Ω to 6 kΩ
As per below table
Motional capacitance
C1
1.8 fF Typ.
4.0 fF to 0.6 fF
MC-306
2.0 fF Typ.
MC-405 / 406
Shunt capacitance
C0
0.9 pF Typ.
2.0 pF to 0.6 pF
MC-306
0.85 pF Typ.
MC-405 / 406
Frequency aging
f_age
±3 × 10-6 / year Max.
±5 × 10-6 / year Max.
+25
°C, First year
Motional resistance (ESR)
Frequency
20 kHz
≤f_nom< 31.2 kHz 31.2 kHz≤f_nom< 40 kHz 40 kHz≤f_nom< 90 kHz 90 kHz≤f_nom< 130 kHz 130 kHz≤f_nom≤165 kHz
307.2 kHz
Motional resistance
55 k
Ω Max.
35 k
Ω Max.
20 k
Ω Max.
12 k
Ω Max.
10 k
Ω Max.
6 k
Ω Max.
External dimensions
(Unit:mm)
.
MC-306
Metal may be exposed on the top or bottom of this product.
This will not affect any quality, reliability or electrical spec.
Do not connect #2 and #3 to external device.
Internal connection
(TOP VIEW)
#4
#1
#2
#3
1.9
(0.9)
(0.9)
5.5
0.5
8.0 Max.
#4
#1
#2
#3
32.768 k
E
5 7 1
Do not connect #2 and #3 of MC-406 to external device.
The first digit of No. means:
5××××
MC-405
6××××
MC-406
MC-405 / 406
#4
#1
#2
#3
#4
#1
#2
#3
Internal connection in MC-406
(TOP VIEW)
Internal connection in MC-405
(TOP VIEW)
2.54
2.54
#1
#4
#3
#2
10.41 Max.
9.60
32.768 k
E
6571A
0.51
0.51
2.29
Footprint (Recommended)
(Unit:mm)
MC-306
MC-405
4.1
3.9
4.1
4.1
3.9
4.1
MC-406
4.2
1.3
1.3


Số phần tương tự - MC-306

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC-306 ETC-MC-306 Datasheet
28Kb / 1P
   SMALL SMD LOW / MEDIUM-FREQUENCY CRYSTAL UNIT
MC-306 ETC2-MC-306 Datasheet
173Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306 Datasheet
354Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
List of Unclassifed Man...
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson Company
MC-306 EPSON-MC-306 Datasheet
365Kb / 2P
   kHz RANGE CRYSTAL UNIT
More results

Mô tả tương tự - MC-306

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
MC-306 ETC2-MC-306 Datasheet
173Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306 Datasheet
354Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
List of Unclassifed Man...
Q13MC1462000412 ETC2-Q13MC1462000412 Datasheet
133Kb / 3P
   kHz Range Crystal unit
logo
Epson Company
FC-135R EPSON-FC-135R Datasheet
467Kb / 2P
   kHz RANGE CRYSTAL UNIT
FC1610AN EPSON-FC1610AN Datasheet
333Kb / 2P
   kHz RANGE CRYSTAL UNIT
MC-306 EPSON-MC-306 Datasheet
365Kb / 2P
   kHz RANGE CRYSTAL UNIT
logo
List of Unclassifed Man...
Q13MC1462000612 ETC2-Q13MC1462000612 Datasheet
133Kb / 3P
   kHz Range Crystal unit
logo
Epson Company
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-13E EPSONTOYOCOM-FC-13E Datasheet
447Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com