công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NE12S0A0V06PNFA bảng dữ liệu(PDF) 2 Page - Delta Electronics, Inc.

tên linh kiện NE12S0A0V06PNFA
Giải thích chi tiết về linh kiện  Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DELTA [Delta Electronics, Inc.]
Trang chủ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0V06PNFA bảng dữ liệu(HTML) 2 Page - Delta Electronics, Inc.

  NE12S0A0V06PNFA Datasheet HTML 1Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 2Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 3Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS_NE12S06A_10032008
2
TECHNICAL SPECIFICATIONS
(Ambient Temperature=25°C, minimum airflow=200LFM, nominal Vin=12Vdc unless otherwise specified.)
PARAMETER
NOTES and CONDITIONS
NE12S0A0V/H06
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
3.1
13.8
Vdc
Operating Temperature (Vertical)
Refer to Fig. 26 for the measuring point
-40
113
°C
Operating Temperature (Horizontal)
Refer to Fig. 34 for the measuring point
-40
118
°C
Storage Temperature
-55
125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
Vo≦Vin-0.5V
3.1
13.8
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
3.1
V
Turn-Off Voltage Threshold
2.8
V
Lockout Hysteresis Voltage
0.3
V
Maximum Input Current
Vin=3.1V to 13.8V, Io=Io,max
6
A
No-Load Input Current
Vin=12V, Vout=5V
50
mA
Off Converter Input Current
Remote OFF
10
mA
Input Reflected-Ripple Current
5
10
mA
Input Ripple Rejection
120Hz
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Adjustment Range
0.59
5.1
V
Output Voltage Set Point
With a 0.1% trim resistor
-1
+1
%
Output Voltage Regulation
Over Load
Io=Io_min to Io_max
± 0.3
± 0.5
%
Over Line
Vin=Vin_min to Vin_max
± 0.1
± 0.2
%
Over Temperature
Ta=0~70°C
± 0.2
± 0.3
Total output range
Over load, line, temperature regulation and set point
-2
+2
%
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 10uF Tan cap, 12Vin, 0.5Vo
15
mV
Peak-to-Peak
Full Load, 10uF Tan cap, 12Vin, 0.9Vo
20
mV
Peak-to-Peak
Full Load, 10uF Tan cap, 12Vin, 2.5Vo
30
mV
Peak-to-Peak
Full Load, 10uF Tan cap, 12Vin, 5Vo
50
mV
RMS
Full Load, 10uF Tan cap, 12Vin, 5Vo
10
mV
Output Current Range
0
6
A
Output Voltage Over-shoot at Start-up
Vin=12V, Turn ON
0.5
%Vo
Output Voltage Under-shoot at Power-Off
Vin=12V, Turn OFF
100
mV
Output DC Current-Limit Inception
Hiccup mode
13.5
A
Output short-circuit current RMS value
3.7
Arms
DYNAMIC CHARACTERISTICS
Output Dynamic Load Response
12Vin, 2.5Vout, 10µF ceramic cap
Positive Step Change in Output Current
50~100% load , 10A/uS
150
mV
Negative Step Change in Output Current
50~100% load , 10A/uS
150
mV
Settling Time
Settling to be within regulation band (to 10% Vo deviation)
50
µs
Turn-On Transient
Start-Up Time, from On/Off Control
From Enable high to 90% of Vo
2
3
ms
Start-Up Time, from input power
From Vin=12V to 90% of Vo
2
3
ms
Minimum Output Capacitive Load
0
µF
Maximum Output Startup Capacitive Load
turn on overshoot <1% vo ,ESR≥1mΩ
1000
µF
EFFICIENCY
Vo=0.59V
Vin=12V, Io=6A
72
%
Vo=0.9V
Vin=12V, Io=6A
79
%
Vo=2.5V
Vin=12V, Io=6A
90.5
%
Vo=5.0V
Vin=12V, Io=6A
94.5
%
SINK EFFICIENCY
Vo=5.0V
Vin=12V, Io=6A
92
%
FEATURE CHARACTERISTICS
Switching Frequency
Fixed
600
KHz
ON/OFF Control
Positive logic (internally pulled high)
Logic High
Module On (or leave the pin open)
0.8
5.0
V
Logic Low
Module Off
0
0.3
V
GENERAL SPECIFICATIONS
Calculated MTBF
Ta=25℃, 300LFM, 80% load
18.0
Mhours
Weight
2
grams


Số phần tương tự - NE12S0A0V06PNFA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
674Kb / 14P
   Fixed frequency operation
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
More results

Mô tả tương tự - NE12S0A0V06PNFA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA_13 Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
D12S400-A DELTA-D12S400-A Datasheet
798Kb / 12P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com