công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NE12S0A0V06PNFA bảng dữ liệu(PDF) 8 Page - Delta Electronics, Inc.

tên linh kiện NE12S0A0V06PNFA
Giải thích chi tiết về linh kiện  Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DELTA [Delta Electronics, Inc.]
Trang chủ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0V06PNFA bảng dữ liệu(HTML) 8 Page - Delta Electronics, Inc.

Back Button NE12S0A0V06PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 9Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 10Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 11Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DS_NE12S06A_10032008
8
Output Capacitance
There is internal output capacitor on the NE series
modules. Hence, no external output capacitor is required
for stable operation.
Reflected Ripple Current and Output Ripple and
Noise Measurement
The measurement set-up outlined in Figure 24 has been
used for both input reflected/ terminal ripple current and
output voltage ripple and noise measurements on NE
series converters.
DC-DC Converter
1uF
Ceramic
Tan
10uF
Vin+
Load
Ltest
Cs
Cin
Output voltage ripple noise measurement point
Input reflected current measurement point
Cs=270μF*1, Ltest=2uH, Cin=270μF*1
Figure 24:
Input reflected ripple/ capacitor ripple current and
output voltage ripple and noise measurement setup for NE06
FEATURES DESCRIPTIONS (CON.)
Voltage Margining Adjustment
Output voltage margin adjusting can be implemented in
the NE modules by connecting a resistor, Rmargin-up, from
the Trim pin to the Ground for margining up the output
voltage. Also, the output voltage can be adjusted lower
by connecting a resistor, Rmargin-down, from the Trim pin to
the voltage source Vt. Figure 23 shows the circuit
configuration for output voltage margining adjustment.
Vt
Vin
Vout
Enable
Ground
Ground
Trim
ND 6A/10A
Rmargin-down
Rs
Rmargin-up
Figure 23:
Circuit configuration for output voltage margining
Paralleling
NE06 converters do not have built-in current sharing
(paralleling) ability. Hence, paralleling of multiple NE06
converters is not recommended.
NE6A/10A


Số phần tương tự - NE12S0A0V06PNFA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
674Kb / 14P
   Fixed frequency operation
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
More results

Mô tả tương tự - NE12S0A0V06PNFA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA_13 Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
D12S400-A DELTA-D12S400-A Datasheet
798Kb / 12P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com