công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK14C88-C45I bảng dữ liệu(PDF) 2 Page - Cypress Semiconductor

tên linh kiện STK14C88-C45I
Giải thích chi tiết về linh kiện  32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-C45I bảng dữ liệu(HTML) 2 Page - Cypress Semiconductor

  STK14C88-C45I Datasheet HTML 1Page - Cypress Semiconductor STK14C88-C45I Datasheet HTML 2Page - Cypress Semiconductor STK14C88-C45I Datasheet HTML 3Page - Cypress Semiconductor STK14C88-C45I Datasheet HTML 4Page - Cypress Semiconductor STK14C88-C45I Datasheet HTML 5Page - Cypress Semiconductor STK14C88-C45I Datasheet HTML 6Page - Cypress Semiconductor STK14C88-C45I Datasheet HTML 7Page - Cypress Semiconductor STK14C88-C45I Datasheet HTML 8Page - Cypress Semiconductor STK14C88-C45I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
STK14C88
Document Number: 001-52038 Rev. *C
Page 2 of 20
Contents
Pin Configurations ........................................................... 3
Pin Descriptions ............................................................... 3
Absolute Maximum Ratings ............................................ 4
DC Characteristics ........................................................... 4
AC Test Conditions .......................................................... 5
Capacitance ...................................................................... 5
SRAM Read Cycles #1 and #2 ......................................... 6
SRAM Write Cycle #1 and #2 ........................................... 7
Hardware Mode Selection ................................................ 8
Hardware STORE Cycle ................................................... 8
AutoStore/Power up RECALL ......................................... 9
Software STORE/RECALL Mode Selection .................. 10
Software-Controlled STORE/RECALL Cycle ................ 10
nvSRAM Operation ......................................................... 11
Noise Considerations ..................................................... 11
SRAM Read ..................................................................... 11
SRAM Write ..................................................................... 11
Power Up RECALL ......................................................... 11
Software Nonvolatile STORE ......................................... 11
Software Nonvolatile RECALL ...................................... 11
AutoStore Mode .............................................................. 11
AutoStore INHIBIT Mode ................................................ 12
HSB Operation ................................................................ 12
Best Practices ................................................................. 13
Preventing STORES ....................................................... 13
Hardware Protect ............................................................ 13
Low Average Active Power ............................................ 13
Ordering Information ...................................................... 14
Commercial and Industrial Ordering Information ....... 14
Military Ordering Information ..................................... 15
Package Diagrams .......................................................... 16
Acronyms ........................................................................ 19
Document Conventions ................................................. 19
Units of Measure ....................................................... 19
Document History Page ................................................. 20
Sales, Solutions, and Legal Information ...................... 20
Worldwide Sales and Design Support ....................... 20
Products .................................................................... 20
PSoC Solutions ......................................................... 20
[+] Feedback


Số phần tương tự - STK14C88-C45I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK14C88-C45I ETC-STK14C88-C45I Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14C88-C45I SIMTEK-STK14C88-C45I Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
More results

Mô tả tương tự - STK14C88-C45I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com