công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK14C88-NF25ITR bảng dữ liệu(PDF) 1 Page - Cypress Semiconductor

tên linh kiện STK14C88-NF25ITR
Giải thích chi tiết về linh kiện  32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-NF25ITR bảng dữ liệu(HTML) 1 Page - Cypress Semiconductor

  STK14C88-NF25ITR Datasheet HTML 1Page - Cypress Semiconductor STK14C88-NF25ITR Datasheet HTML 2Page - Cypress Semiconductor STK14C88-NF25ITR Datasheet HTML 3Page - Cypress Semiconductor STK14C88-NF25ITR Datasheet HTML 4Page - Cypress Semiconductor STK14C88-NF25ITR Datasheet HTML 5Page - Cypress Semiconductor STK14C88-NF25ITR Datasheet HTML 6Page - Cypress Semiconductor STK14C88-NF25ITR Datasheet HTML 7Page - Cypress Semiconductor STK14C88-NF25ITR Datasheet HTML 8Page - Cypress Semiconductor STK14C88-NF25ITR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
STK14C88
32 K x 8 AutoStore nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-52038 Rev. *C
Revised March 30, 2011
Features
25, 35, 45 ns read access and R/W cycle time
Unlimited read/write endurance
Automatic nonvolatile STORE on power loss
Nonvolatile STORE under hardware or software control
Automatic RECALL to SRAM on power up
Unlimited RECALL cycles
1-Million STORE cycles
100-year nonvolatile data retention
Single 5 V+10% power supply
Commercial, industrial, military temperatures
32-Pin 300 mil SOIC (RoHS-compliant)
32-Pin CDIP and LCC packages
Description
The Cypress STK14C88 is a 256 Kb fast static RAM with a
nonvolatile Quantum Trap storage element included with each
memory cell.
The SRAM provides the fast access and cycle times, ease of
use, and unlimited read and write endurance of a normal SRAM.
Data automatically transfers to the nonvolatile storage cells
when power loss is detected (the STORE operation). On power
up, data is automatically restored to the SRAM (the RECALL
operation). Both STORE and RECALL operations are also
available under software control.
The Cypress nvSRAM is the first monolithic nonvolatile memory
to offer unlimited writes and reads. It is the highest performance,
most reliable nonvolatile memory available.
A0 A1 A2 A3 A4 A10
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
512 x 512
Quantum Trap
512 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
POWER
CONTROL
A5
A6
A7
A8
A9
A11
A12
A13
A14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
G
E
W
HSB
VCCX
VCAP
A0 - A13
Logic Block Diagram
[+] Feedback


Số phần tương tự - STK14C88-NF25ITR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK14C88-NF25ITR SIMTEK-STK14C88-NF25ITR Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF25ITR SIMTEK-STK14C88-NF25ITR Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
More results

Mô tả tương tự - STK14C88-NF25ITR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com