công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CX12 bảng dữ liệu(PDF) 1 Page - Protek Devices

tên linh kiện CX12
Giải thích chi tiết về linh kiện  coaxial protector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PROTEC [Protek Devices]
Trang chủ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CX12 bảng dữ liệu(HTML) 1 Page - Protek Devices

  CX12 Datasheet HTML 1Page - Protek Devices CX12 Datasheet HTML 2Page - Protek Devices CX12 Datasheet HTML 3Page - Protek Devices CX12 Datasheet HTML 4Page - Protek Devices CX12 Datasheet HTML 5Page - Protek Devices CX12 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05017.R5 2/11
Page 1
CX12 - CX12LC
CoaXiaL PRoteCtoR
DesCRiPtion
The CX12 series is a two stage, hybrid surge protector designed to protect interfacing equipment from induced light-
ning or switching transients. The multistage technique has proven to be the most cost effective and reliable method
for protecting sensitive electronic equipment. Employing state-of-the-art avalanche junction diode technology, these
devices provide superior performance for video, Ethernet, Token Ring or other LAN interface systems. They are in-line
modules with easy interconnecting terminals. A completely enclosed aluminum housing provides EMC shielding to
meet industry standard requirements. The enclosure has two female BNC type connections for easy installation. The
case is grounded for those installations that require external ground connections.
FeatuRes
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs, Level 2(Line-
Gnd) Level 3 (Line-Line)
• BNC Connection
• Low Capacitance
• Completely Enclosed Aluminum Housing
• Low Clamping Voltage
• Nanosecond Response Time
• Long Life and Maintenance Free
• Finger Safe Connectors
• Fully Shielded Case
MeChaniCaL ChaRaCteRistiCs
• Metal Package
• Approximate Weight: 161 grams
aPPLiCations
• High Speed Video Camera
• Coaxial Ethernet
• High Speed Data Lines
CX12
FiguRe 1
tRansient voLtage thReat ConDition
0
20
40
60
80
100
120 140
160
t - time - µs
1K
0
FiguRe 2
CX12LC CLaMPing voLtage
0
20
40
60
80
100
120 140
160
t - time - µs
20
30
10
0
2K
Figures 1 and 2 are photographs of digitized waveforms showing the typical clamping action of a CX12LC module. The device was subjected to a
2000A, 8/20µs impulse waveform in accordance with ANSI C62.36. The CX12 has an operating frequency range up to 10MHz and the CX12LC has
an operating frequency range up to 100MHz.


Số phần tương tự - CX12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CX12 ETC-CX12 Datasheet
104Kb / 2P
   COAXIAL PROTECTOR
logo
Protek Devices
CX12 PROTEC-CX12 Datasheet
76Kb / 3P
   COAXIAL PROTECTOR
logo
Keysight Technologies
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1203A KEYSIGHT-CX1203A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results

Mô tả tương tự - CX12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Protek Devices
CX12 PROTEC-CX12 Datasheet
76Kb / 3P
   COAXIAL PROTECTOR
logo
List of Unclassifed Man...
CX12 ETC-CX12 Datasheet
104Kb / 2P
   COAXIAL PROTECTOR
logo
Bourns Electronic Solut...
1740-15 BOURNS-1740-15 Datasheet
182Kb / 2P
   Coaxial Surge Protector
1740 BOURNS-1740 Datasheet
176Kb / 2P
   Coaxial Surge Protector
1965 BOURNS-1965 Datasheet
397Kb / 2P
   50 Ohm Coaxial Surge Protector
logo
List of Unclassifed Man...
P8AX ETC1-P8AX Datasheet
118Kb / 4P
   Gas Tube Coaxial Surge Protector
logo
Bourns Electronic Solut...
1965-XX-A00 BOURNS-1965-XX-A00 Datasheet
105Kb / 2P
   50 Ohm Coaxial Surge Protector
1965 BOURNS-1965_09 Datasheet
105Kb / 2P
   50 Ohm Coaxial Surge Protector
logo
AUK corp
SIP25M AUK-SIP25M Datasheet
185Kb / 4P
   IC protector
logo
Bourns Electronic Solut...
CDSOT23-T24CAN BOURNS-CDSOT23-T24CAN Datasheet
505Kb / 6P
   CANbus Protector
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com