công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23325UFRUZ-TK bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện ISL23325UFRUZ-TK
Giải thích chi tiết về linh kiện  Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23325UFRUZ-TK bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  ISL23325UFRUZ-TK Datasheet HTML 1Page - Intersil Corporation ISL23325UFRUZ-TK Datasheet HTML 2Page - Intersil Corporation ISL23325UFRUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL23325UFRUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL23325UFRUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL23325UFRUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL23325UFRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23325UFRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23325UFRUZ-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL23325
3
FN7870.0
June 21, 2011
Ordering Information
PART NUMBER
(Note 5)
PART MARKING
RESISTANCE
OPTION
(kΩ)
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL23325TFVZ (Notes 1, 3)
23325 TFVZ
100
-40 to +125
14 Ld TSSOP
M14.173
ISL23325UFVZ (Notes 1, 3)
23325 UFVZ
50
-40 to +125
14 Ld TSSOP
M14.173
ISL23325WFVZ (Notes 1, 3)
23325 WFVZ
10
-40 to +125
14 Ld TSSOP
M14.173
ISL23325TFRUZ-T7A (Notes 2, 4)
GBF
100
-40 to +125
16 Ld 2.6x1.8 µTQFN
L16.2.6x1.8A
ISL23325TFRUZ-TK (Notes 2, 4)
GBF
100
-40 to +125
16 Ld 2.6x1.8 µTQFN
L16.2.6x1.8A
ISL23325UFRUZ-T7A (Notes 2, 4)
GBE
50
-40 to +125
16 Ld 2.6x1.8 µTQFN
L16.2.6x1.8A
ISL23325UFRUZ-TK (Notes 2, 4)
GBE
50
-40 to +125
16 Ld 2.6x1.8 µTQFN
L16.2.6x1.8A
ISL23325WFRUZ-T7A (Notes 2, 4)
GBD
10
-40 to +125
16 Ld 2.6x1.8 µTQFN
L16.2.6x1.8A
ISL23325WFRUZ-TK (Notes 2, 4)
GBD
10
-40 to +125
16 Ld 2.6x1.8 µTQFN
L16.2.6x1.8A
NOTES:
1. Add “-TK” suffix for 1k unit or “-T7A” suffix for 250 unit Tape and Reel options. Please refer to TB347 for details on reel specifications.
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
5. For Moisture Sensitivity Level (MSL), please see device information page for ISL23325. For more information on MSL please see techbrief TB363.


Số phần tương tự - ISL23325UFRUZ-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23325UFRUZ-TK INTERSIL-ISL23325UFRUZ-TK Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23325UFRUZ-TK RENESAS-ISL23325UFRUZ-TK Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Mô tả tương tự - ISL23325UFRUZ-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425TFVZ INTERSIL-ISL23425TFVZ Datasheet
748Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Contro Potentiometer (XDCP??
September 11, 2015
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com