công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28118M bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện ISL28118M
Giải thích chi tiết về linh kiện  40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28118M bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  ISL28118M Datasheet HTML 1Page - Intersil Corporation ISL28118M Datasheet HTML 2Page - Intersil Corporation ISL28118M Datasheet HTML 3Page - Intersil Corporation ISL28118M Datasheet HTML 4Page - Intersil Corporation ISL28118M Datasheet HTML 5Page - Intersil Corporation ISL28118M Datasheet HTML 6Page - Intersil Corporation ISL28118M Datasheet HTML 7Page - Intersil Corporation ISL28118M Datasheet HTML 8Page - Intersil Corporation ISL28118M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ISL28118M
3
FN7858.0
May 11, 2011
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . .42V or V- - 0.5V to V+ + 0.5V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . .42V or V- - 0.5V to V+ + 0.5V
Max/Min Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20mA
Output Short-Circuit Duration (1 output at a time) . . . . . . . . . . . . . . Indefinite
ESD Tolerance
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . . . 3kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . 300V
Charged Device Model (Tested per CDM-22CI0ID). . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld MSOP Package (Notes 4, 5) . . . . . . . . .
165
57
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 3V (+1.8V/-1.2V) to 40V (±20V)
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over the
operating temperature range, -55°C to +125°C. Temperature data established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
VOS
Input Offset Voltage
-150
25
150
µV
-270
270
µV
TCVOS
Input Offset Voltage Temperature Coefficient
-1.2
0.2
1.2
µV/°C
IB
Input Bias Current
-575
-230
nA
-800
nA
TCIB
Input Bias Current
Temperature Coefficient
-0.8
nA/°C
IOS
Input Offset Current
-50
4
50
nA
-75
75
nA
CMRR
Common-Mode Rejection Ratio
VCM = V- - 0.5V to V+ - 1.8V
118
dB
VCM = V- to V+ -1.8V
102
118
dB
97
dB
VCMIR
Common Mode Input Voltage Range
Guaranteed by CMRR test
V- - 0.5
V+ - 1.8
V
V-
V+ - 1.8
V
PSRR
Power Supply Rejection Ratio
VS = 3V to 40V, VCMIR = Valid Input Voltage
109
124
dB
105
dB
AVOL
Open-Loop Gain
VO = -13V to +13V, RL = 10kΩ to ground
120
136
dB
114
dB
VOL
Output Voltage Low,
VOUT to V-
RL = 10kΩ
70
mV
85
mV
VOH
Output Voltage High,
V+ to VOUT
RL = 10kΩ
110
mV
120
mV
IS
Supply Current/Amplifier
RL = Open
0.85
1.2
mA
1.6
mA
ISC+
Output Short Circuit Source Current
RL = 10Ω to V-
16
mA


Số phần tương tự - ISL28118M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL28118M RENESAS-ISL28118M Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118M INTERSIL-ISL28118M Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
logo
Renesas Technology Corp
ISL28118MUZ RENESAS-ISL28118MUZ Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118MUZ INTERSIL-ISL28118MUZ Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
ISL28118M INTERSIL-ISL28118M_14 Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
More results

Mô tả tương tự - ISL28118M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL28118M RENESAS-ISL28118M Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118M INTERSIL-ISL28118M_14 Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com