công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28118 bảng dữ liệu(PDF) 7 Page - Intersil Corporation

tên linh kiện ISL28118
Giải thích chi tiết về linh kiện  40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28118 bảng dữ liệu(HTML) 7 Page - Intersil Corporation

Back Button ISL28118 Datasheet HTML 3Page - Intersil Corporation ISL28118 Datasheet HTML 4Page - Intersil Corporation ISL28118 Datasheet HTML 5Page - Intersil Corporation ISL28118 Datasheet HTML 6Page - Intersil Corporation ISL28118 Datasheet HTML 7Page - Intersil Corporation ISL28118 Datasheet HTML 8Page - Intersil Corporation ISL28118 Datasheet HTML 9Page - Intersil Corporation ISL28118 Datasheet HTML 10Page - Intersil Corporation ISL28118 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISL28118, ISL28218
7
FN7532.2
May 16, 2011
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V, VCMIR = Valid Input Voltage,
ISL28118 SOIC
ISL28218 SOIC
109
124
dB
105
dB
ISL28118 MSOP
108
124
dB
103
dB
AVOL
Open-Loop Gain
VO = -3V to +3V, RL = 10kΩ to ground,
ISL28118 SOIC
ISL28218 SOIC
122
132
dB
117
dB
ISL28118 MSOP
120
132
dB
115
dB
VOL
Output Voltage Low, VOUT to V- ,
See Figure 32
RL = 10kΩ
38
mV
45
mV
VOH
Output Voltage High, V+ to VOUT
See Figure 31
RL = 10kΩ
65
mV
70
mV
IS
Supply Current/Amplifier
RL = Open
0.85
1.1
mA
1.4
µA
ISC+
Output Short Circuit Source Current RL = 10Ω to V-
13
mA
ISC-
Output Short Circuit Sink Current
RL = 10Ω to V+
20
mA
AC SPECIFICATIONS
GBWP
Gain Bandwidth Product
ACL = 101, VOUT = 100mVP-P; RL = 2k
3.2
MHz
enp-p
Voltage Noise
0.1Hz to 10Hz
320
nVP-P
en
Voltage Noise Density
f = 10Hz
9
nV/
√Hz
en
Voltage Noise Density
f = 100Hz
5.7
nV/
√Hz
en
Voltage Noise Density
f = 1kHz
5.5
nV/
√Hz
en
Voltage Noise Density
f = 10kHz
5.5
nV/
√Hz
in
Current Noise Density
f = 1kHz
380
fA/
√Hz
THD + N
Total Harmonic Distortion + Noise
1kHz, G = 1, VO = 1.25VRMS, RL =10kΩ
0.0003
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 1, RL = 2kΩ, VO = 4VP-P
±1
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω, RL =2kΩ to
VCM
100
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω,
RL = 2kΩ to VCM
100
ns
ts
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = 1, VOUT = 4VP-P, Rf = 0Ω
RL =2kΩ to VCM
4µs
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications V
S ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +125°C. Temperature data established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT


Số phần tương tự - ISL28118

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28118 INTERSIL-ISL28118 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
More results

Mô tả tương tự - ISL28118

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118M INTERSIL-ISL28118M Datasheet
1Mb / 22P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com