công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21090 bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL21090
Giải thích chi tiết về linh kiện  Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21090 bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL21090 Datasheet HTML 1Page - Intersil Corporation ISL21090 Datasheet HTML 2Page - Intersil Corporation ISL21090 Datasheet HTML 3Page - Intersil Corporation ISL21090 Datasheet HTML 4Page - Intersil Corporation ISL21090 Datasheet HTML 5Page - Intersil Corporation ISL21090 Datasheet HTML 6Page - Intersil Corporation ISL21090 Datasheet HTML 7Page - Intersil Corporation ISL21090 Datasheet HTML 8Page - Intersil Corporation ISL21090 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ISL21090
4
FN6993.0
June 8, 2011
Absolute Maximum Ratings
Thermal Information
Max Voltage
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +40V
VOUT to GND (10s). . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to VOUT + 0.5V
Voltage on any Pin to Ground . . . . . . . . . . . . . . . . . . . -0.5V to +VOUT + 0.5V
Voltage on DNC pins . . . . . . . . . . . . . . . No connections permitted to these pins
Input Voltage Slew Rate (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.1V/µs
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld SOIC Package (Notes 4, 5) . . . . . . . . .
115
58
Continuous Power Dissipation (TA = +125°C) . . . . . . . . . . . . . . . . .217mW
Maximum Junction Temperature (TJMAX). . . . . . . . . . . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile (Note 6). . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
6. Post-reflow drift for the ISL21090 devices can exceed 100µV to 1.0mV based on experimental results with devices on FR4 double sided boards. The
engineer must take this into account when considering the reference voltage after assembly.
Electrical Specifications V
IN = 5V (2.5V option), IOUT = 0, unless otherwise specified. Boldface limits apply over the operating
temperature range,-40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
VOUT
Output Voltage
VIN = 5V
2.5
V
VOA
VOUT Accuracy @ TA = +25°C
All VOUT options
-0.02
+0.02
%
TC VOUT
Output Voltage Temperature
Coefficient
ISL21090 B grade
7
ppm/°C
VIN
Input Voltage Range (Note 9)
VOUT = 2.5V
4.7
36
V
IIN
Supply Current
0.930
1.28
mA
ΔVOUT /ΔVIN
Line Regulation
VIN = 4.7V to 36V, VOUT = 2.5V
8
18
ppm/V
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA ≤ IOUT ≤ 20mA
2.5
17
ppm/mA
Sinking: -10mA ≤ IOUT ≤ 0mA
2.5
17
ppm/mA
VD
Dropout Voltage
(Note 8)
VOUT = 2.5V @ 10mA
1.1
1.7
V
ISC+
Short Circuit Current
TA = +25°C, VOUT tied to GND
55
mA
ISC-
Short Circuit Current
TA = +25°C, VOUT tied to VIN
-61
mA
tR
Turn-on Settling Time
90% of final value, CL = 1.0µF,
CC = open
150
µs
Ripple Rejection
f = 120Hz
90
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz, VOUT = 2.5V
1.9
µVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz, VOUT = 2.5V
1.6
µVRMS
Noise Density
f = 1kHz, VOUT = 2.5V
50
nV/
√Hz
ΔVOUT/Δt
Long Term Stability
TA = +25°C
20
ppm
NOTES:
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
8. VIN-VOUT measured at the point where VOUT drops 1mV from the nominal measured value.
9. Coming soon: VIN (MIN) = 3.7V


Số phần tương tự - ISL21090

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090AFB825Z-TK INTERSIL-ISL21090AFB825Z-TK Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
ISL21090B INTERSIL-ISL21090B Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Mô tả tương tự - ISL21090

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com