công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM1117A bảng dữ liệu(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH |
|
SM1117A bảng dữ liệu(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH |
3 / 4 page Elektronische Bauelemente SM1117A 1A Low Dropout Positive Adjustable or Fixed-Mode Regulator 01-Jun-2011 Rev. B Page 3 of 4 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. ELECTRICAL CHARACTERISTICS Parameter Test Conditions Min. Typ. Max Unit Reference Voltage SM1117A-ADJ Io=10mA, TJ=25°C, (VIN - VOUT )=1.5V 1.225 1.25 1.275 V SM1117A-1.5 Io=10mA, TJ=25°C, 3.0V≦VIN≦12V 1.47 1.5 1.53 V SM117A-1.8 Io=10mA, TJ=25°C, 3.3V≦VIN≦12V 1.764 1.8 1.836 V SM117A-2.5 Io=10mA, TJ=25°C, 4.0V≦VIN≦12V 2.45 2.5 2.55 V SM117A-3.3 Io=10mA, TJ=25°C, 4.8V≦VIN≦12V 3.235 3.3 3.365 V Output Voltage SM117A-5.0 Io=10mA, TJ=25°C, 6.5V≦VIN≦12V 4.9 5 5.1 V Line Regulation SM117A-XXX Io=10mA, VOUT +1.5V<VIN<12V, TJ=25°C - - 0.2 % SM117A-ADJ 1,2 VIN=3.3V, Vadj=0, 10mA< Io <1A, TJ=25°C - - 1 % SM117A-1.5 1,2 VIN=3.0V, 0mA<Io<1A, TJ=25°C - 12 15 mV SM117A-1.8 1,2 VIN=3.3V, 0mA<Io<1A, TJ=25°C - 15 18 mV SM117A-2.5 1,2 VIN=4.0V, 0mA<Io<1A, TJ=25°C - 20 25 mV SM117A-3.3 1,2 VIN=5.0V, 0mA<Io<1A, TJ=25°C - 26 33 mV Load Regulation SM117A-5.0 1,2 VIN=8.0V, 0mA<Io <1A, TJ=25°C - 40 50 mV Dropout Voltage (VIN-VOUT) SM117A-XXX Io=1A, (ΔVout=0.1% Vout) - 1.3 1.4 V Current Limit SM117A-XXX VIN – VOUT =5V 1.1 - - A Minimum Load Current Adjustable model VIN=5V - 5 10 mA Thermal Regulation TA=25°C, 30ms pulse - 0.008 0.04 %W F=120Hz, COUT=25μF Tantalum, IOUT=1A Ripple Rejection SM117AXXX VIN=VOUT+3V - 60 70 dB Temperature Stability Io=10mA - 0.5 - % θJA Thermal Resistance Junction-to-Ambient (No heat sink ;No air flow) - 300 - °C/W θJC Thermal Resistance Junction-to-Case Control Circuitry/Power Transistor - 100 - °C/W Note: 1. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction Temperature by low duty cycle pulse testing. Load regulation is measured at the output lead =1/18”. from the package. 2. Line and load regulation are guaranteed up to the maximum power dissipation of 15W.Power dissipation is determined by the difference between input and output and the output current .Guaranteed maximum power dissipation will not be available over the full input/output range. 3. Quiescent current is defined as the minimum output current required in maintaining regulation .At 12V input/output differential the device is guaranteed to regulate if the output current is greater than 10mA. |
Số phần tương tự - SM1117A |
|
Mô tả tương tự - SM1117A |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |