công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM1100FL bảng dữ liệu(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

tên linh kiện SM1100FL
Giải thích chi tiết về linh kiện  1.0 A Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECOS [SeCoS Halbleitertechnologie GmbH]
Trang chủ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM1100FL bảng dữ liệu(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM1100FL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1100FL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM1100FL Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM120FL ~ SM1100FL
VOLTAGE 20 ~ 100 V
1.0 A Schottky Barrier Rectifiers
Elektronische Bauelemente
15-Dec-2010 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward surge current
Ideal for surface mounted applications
Low leakage current
MECHANICAL DATA
Case: JEDEC SOD-123FL, molded plastic over
passivated chip
Terminals: Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.0008 ounces, 0.022 gram
Mounting position: Any
MARKING
Product
Marking Code
Product
Marking Code
SM120FL
S2
SM160FL
S6
SM130FL
S3
SM180FL
S8
SM140FL
S4
SM1100FL
SA
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-123FL
2.5K
7’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
.
PARAMETERS
SYMBOL
PART NUMBERS
UNITS
TESTING
CONDITIONS
SM
120FL
SM
130FL
SM
140FL
SM
160FL
SM
180FL
SM
1100FL
Recurrent Reverse Voltage (Max.)
VRRM
20
30
40
60
80
100
V
RMS Voltage (Max.)
VRMS
14
21
28
42
56
70
V
DC Blocking Voltage (Max.)
VDC
20
30
40
60
80
100
V
Instantaneous Forward Voltage
(Max.)
VF
0.50
0.55
0.72
0.85
V
IFM = 1.0A
Average Forward
Rectified Current (Max.)
I(AV)
1.0
A
TJ = 90°C
Peak Forward Surge Current
IFSM
20
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC method)
SOD-123FL
E
F
B
C
D
A
G
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
2.90
E
0.10
0.30
B
1.80
2.00
F
0.80
1.20
C
1.55
1.25
G
0.35
0.85
D
3.50
3.90


Số phần tương tự - SM1100FL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
UNIOHM CORPORATION
SM1100A UNIOHM-SM1100A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM1100A SECOS-SM1100A Datasheet
142Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM1100A TAYCHIPST-SM1100A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM1100A LRC-SM1100A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
logo
Goodwork Semiconductor ...
SM1100A GWSEMI-SM1100A Datasheet
64Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Mô tả tương tự - SM1100FL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
SM1150B SECOS-SM1150B_15 Datasheet
351Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1200A SECOS-SM1200A Datasheet
52Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1150B SECOS-SM1150B Datasheet
351Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1200B SECOS-SM1200B Datasheet
102Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1200A SECOS-SM1200A_15 Datasheet
57Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1200B SECOS-SM1200B_15 Datasheet
102Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SSCD102L SECOS-SSCD102L_15 Datasheet
107Kb / 2P
   1.0 A Surface Mount Schottky Barrier Rectifiers
SCS160V SECOS-SCS160V Datasheet
185Kb / 2P
   1.0 A, 60 V Schottky Barrier Rectifiers
SSCD102L SECOS-SSCD102L Datasheet
107Kb / 2P
   1.0 A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com