công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP006AIYZFT bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TMP006AIYZFT
Giải thích chi tiết về linh kiện  Infrared Thermopile Sensor in Chip-Scale Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006AIYZFT bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TMP006AIYZFT Datasheet HTML 1Page - Texas Instruments TMP006AIYZFT Datasheet HTML 2Page - Texas Instruments TMP006AIYZFT Datasheet HTML 3Page - Texas Instruments TMP006AIYZFT Datasheet HTML 4Page - Texas Instruments TMP006AIYZFT Datasheet HTML 5Page - Texas Instruments TMP006AIYZFT Datasheet HTML 6Page - Texas Instruments TMP006AIYZFT Datasheet HTML 7Page - Texas Instruments TMP006AIYZFT Datasheet HTML 8Page - Texas Instruments TMP006AIYZFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
20
15
10
5
0
-
3
3
T
Error( C)
°
Object
-
1
2
1
-
2
0
T
=
Object
Local
20 C
T
=20 C
°
°
-
s
3
+3 s
16-Bit
DS
ADC
Gain
Local
Temperature
IR
Thermopile
Sensor
Voltage
Reference
Sensor
Amplifier
Digital
Control
SMBus
Compatible
DRDY
ADR0
ADR1
SCL
SDA
V+
AGND
DGND
TMP006
TMP006
www.ti.com
SBOS518
– MAY 2011
Infrared Thermopile Sensor in Chip-Scale Package
Check for Samples: TMP006
1
FEATURES
DESCRIPTION
The TMP006 is the first in a series of temperature
23
Complete Solution in 1,6 mm
× 1,6 mm Wafer
sensors that measure the temperature of an object
Chip-Scale Package (WCSP) IC (DSBGA)
without the need to make contact with the object. This
Digital Output:
sensor uses a thermopile to absorb the infrared
– Sensor Voltage: 7 μV/°C
energy emitted from the object being measured and
– Local Temperature: –40°C to +125°C
uses the corresponding change in thermopile voltage
to determine the object temperature.
SMBus
™ Compatible Interface
Pin-Programable Interface Addressing
Infrared sensor voltage range is specified from
–40°C
Low Supply Current: 240
μA
to +125
°C to enable use in a wide range of
applications. Low power consumption along with low
Low Minimum Supply Voltage: 2.2 V
operating
voltage
makes
the
part
suitable
for
battery-powered
applications.
The
low
package
APPLICATIONS
height of the chip-scale format enables standard high
Notebook Case Temperature
volume assembly methods, and can be useful where
Comfort Index Measurement
limited spacing to the object being measured is
available.
Motor Case Temperature
Server Farm Power Management
Histogram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SMBus is a trademark of Intel Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - TMP006AIYZFT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP006AIYZFT TI-TMP006AIYZFT Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006AIYZFT TI1-TMP006AIYZFT Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006AIYZFT TI1-TMP006AIYZFT Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

Mô tả tương tự - TMP006AIYZFT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI-TMP006_15 Datasheet
1Mb / 38P
[Old version datasheet]   TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com