công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4225IRGC25 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS4225IRGC25
Giải thích chi tiết về linh kiện  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225IRGC25 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS4225IRGC25 Datasheet HTML 1Page - Texas Instruments ADS4225IRGC25 Datasheet HTML 2Page - Texas Instruments ADS4225IRGC25 Datasheet HTML 3Page - Texas Instruments ADS4225IRGC25 Datasheet HTML 4Page - Texas Instruments ADS4225IRGC25 Datasheet HTML 5Page - Texas Instruments ADS4225IRGC25 Datasheet HTML 6Page - Texas Instruments ADS4225IRGC25 Datasheet HTML 7Page - Texas Instruments ADS4225IRGC25 Datasheet HTML 8Page - Texas Instruments ADS4225IRGC25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range, unless otherwise noted.
ADS424x/422x
PARAMETER
MIN
NOM
MAX
UNIT
SUPPLIES
Analog supply voltage, AVDD
1.7
1.8
1.9
V
Digital supply voltage, DRVDD
1.7
1.8
1.9
V
ANALOG INPUTS
Differential input voltage range
2
VPP
Input common-mode voltage
VCM
± 0.05
V
Maximum analog input frequency with 2VPP input amplitude
(1)
400
MHz
Maximum analog input frequency with 1VPP input amplitude
(1)
600
MHz
CLOCK INPUT
Input clock sample rate (ADS4242/ADS4222)
Low-speed mode enabled (by default after reset)
1
65
MSPS
Input clock sample rate (ADS4245/ADS4225)
Low-speed mode enabled(2)
1
80
MSPS
Low-speed mode disabled(2) (by default after reset)
80
125
MSPS
Input clock sample rate (ADS4246/ADS4226)
Low-speed mode enabled(2)
1
80
MSPS
Low-speed mode disabled(2) (by default after reset)
80
160
MSPS
Sine wave, ac-coupled
0.2
1.5
VPP
LVPECL, ac-coupled
1.6
VPP
Input clock amplitude differential
(VCLKP – VCLKM)
LVDS, ac-coupled
0.7
VPP
LVCMOS, single-ended, ac-coupled
1.5
V
Input clock duty cycle
Low-speed mode disabled
35
50
65
%
Low-speed mode enabled
40
50
60
%
DIGITAL OUTPUTS
Maximum external load capacitance from each output pin to DRGND, CLOAD
5
pF
Differential load resistance between the LVDS output pairs (LVDS mode), RLOAD
100
Ω
Operating free-air temperature, TA
–40
+85
°C
(1)
See the Theory of Operation section in the Application Information.
(2)
See the Serial Interface Configuration section for details on programming the low-speed mode.
HIGH-PERFORMANCE MODES(1)(2)
PARAMETER
DESCRIPTION
Set the HIGH PERF MODE register bit to obtain best performance across sample clock and
High-performance mode
input signal frequencies.
Register address = 03h, data = 03h
Set the HIGH FREQ MODE CH A and HIGH FREQ MODE CH B register bits for high input
signal frequencies greater than 200MHz.
High-frequency mode
Register address = 4Ah, data = 01h
Register address = 58h, data = 01h
(1)
It is recommended to use these modes to obtain best performance.
(2)
See the Serial Interface Configuration section for details on register programming.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Số phần tương tự - ADS4225IRGC25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4225IRGC25 TI1-ADS4225IRGC25 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
More results

Mô tả tương tự - ADS4225IRGC25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com