công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N3891R bảng dữ liệu(PDF) 3 Page - Microsemi Corporation

tên linh kiện 1N3891R
Giải thích chi tiết về linh kiện  HIGH RELIABILITY FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3891R bảng dữ liệu(HTML) 3 Page - Microsemi Corporation

  1N3891R Datasheet HTML 1Page - Microsemi Corporation 1N3891R Datasheet HTML 2Page - Microsemi Corporation 1N3891R Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY FAST RECOVERY RECTIFIER
T4-LDS-0143 Rev. 1 (091809)
Page 3 of 3
PACKAGE DIMENSIONS
Physical dimensions of non-isolated types: (DO-4)
1N3890, 1N3890A, 1N3891, 1N3891A, 1N3893, 1N3893A, 1N3890R, 1N3890AR,
1N3891R, 1N3891AR, 1N3893R and 1N3893AR
Dimensions
Inches
Millimeters
Ltr
Min
Max
Min
Max
Notes
CD
0.250
6.35
3
CH
0.405
10.29
CH1
0.020
0.065
0.51
1.65
G
0.060
1.52
HF
0.424
0.437
10.77
11.10
HT
0.075
0.175
1.90
4.44
OAH
0.800
20.32
OM
0.163
0.189
4.14
4.80
SL
0.422
0.453
10.72
11.50
SP
5, 6, 7, 8
T
0.060
1.52
TD
0.424
10.77
NOTES:
1. Dimensions are in inches.
2. Metric equivalents are given for general information only.
3. Angular orientation of this terminal is undefined. Square or radius on
end of terminals is optional.
4. Diameter variations within these limits are permitted.
5. The ANSI thread reference is 0.190-32 UNF-2A
6. Max pitch diameter of plated threads shall be basic pitch diameter
0.169 inch (4.29 mm) reference FED-STD-H28 (Screw Thread
Standards for Federal Services).
7. Units must not be damaged by torque of 15 inch-pounds applied to
0.190-32 UNF-2B nut assembled on thread.
8. Complete threads to extend to within 0.078inch (1.98 mm) of the
seating plane.
9. Terminal-end shape is unrestricted
10. Reversed (anode to stud) units shall be marked with an “R” following
the last digit in the type number.
11. Forward polarity (cathode to stud) marking is shown.


Số phần tương tự - 1N3891R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
1N3891R MICROSEMI-1N3891R Datasheet
111Kb / 2P
   Fast Recovery Rectifier
logo
International Rectifier
1N3891R IRF-1N3891R Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
America Semiconductor, ...
1N3891R AMERICASEMI-1N3891R Datasheet
428Kb / 2P
   High Power- Fast Recovery Rectifiers
logo
GeneSiC Semiconductor, ...
1N3891R GENESIC-1N3891R Datasheet
756Kb / 3P
   Silicon Fast Recovery Diode
logo
Microsemi Corporation
1N3891R MICROSEMI-1N3891R Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
More results

Mô tả tương tự - 1N3891R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
1N3909 MICROSEMI-1N3909_10 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JAN1N6306 MICROSEMI-JAN1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
1N5812 MICROSEMI-1N5812_10 Datasheet
77Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6306 MICROSEMI-JANTX1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6305 MICROSEMI-JANTX1N6305 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
A197D ETC2-A197D Datasheet
1Mb / 4P
   High Fast Recovery Rectifier
logo
DIOTEC Electronics Corp...
RGP100 DEC-RGP100 Datasheet
353Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-300-1B DEC-FSPD-300-1B Datasheet
403Kb / 2P
   3 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-100-1B DEC-FSPD-100-1B Datasheet
355Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com