công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA16846 bảng dữ liệu(PDF) 5 Page - Infineon Technologies AG

tên linh kiện TDA16846
Giải thích chi tiết về linh kiện  Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16846 bảng dữ liệu(HTML) 5 Page - Infineon Technologies AG

  TDA16846_03 Datasheet HTML 1Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 2Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 3Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 4Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 5Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 6Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 7Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 8Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TDA 16846/16846-2
TDA 16847/16847-2
Version 2.0
5
31 Jul 2003
1.4
Short Description of the Pin Functions
Pin
Function
1
A parallel RC-circuit between this pin and ground determines the ringing
suppression time and the standby-frequency.
2
A capacitor between this pin and ground and a resistor between this pin and
the positive terminal of the primary electrolytic capacitor quantifies the max.
possible output power of the SMPS.
3
This is the input of the error amplifier and the zero crossing input. The output
of a voltage divider between the control winding and ground is connected to
this input. If the pulses at pin 3 exceed a 5 V threshold, the control voltage at
pin 4 is lowered.
4
This is the pin for the control voltage. A capacitor has to be connected
between this pin and ground. The value of this capacitor determines the
duration of the softstart and the speed of the control (primary regulation).
5
If an opto coupler for the control is used, its output has to be connected
between this pin and ground. The voltage divider at pin 3 has then to be
changed, so that the pulses at pin 3 are below 5 V.
6
Fault comparator 2: A voltage > 1.2 V at this pin stops the SMPS (v.also pin 9).
7
If fixed frequency mode is wanted, a parallel RC circuit has to be connected
between this pin and ground. The RC-value determines the frequency. If
synchronized mode is wanted, sync pulses have to be fed into this pin.
8
TDA 16846-2: Not connected. TDA 16847-2: This is the power measurement
output of the Temporary High Power Circuit. A capacitor and a RC-circuit has
to be connected between this pin and ground.
9
Output for the reference voltage (5 V). With a resistor between this pin and
ground the fault comparator 2 (pin 6) is enabled.
10
Fault comparator 1: If a voltage > 1 V is applied to this pin, the SMPS stops.
11
This is the input of the primary voltage check. The voltage at the anode of the
primary electrolytic capacitor has to be fed to this pin via a voltage divider. If
the voltage of this pin falls below 1 V, the SMPS is switched off. A second
function of this pin is the primary voltage dependent fold back point correction
(only active in free running mode).
12
Common ground.
13
Output signal. This pin has to be connected via a series resistor to the gate of
the power transistor.
14
Connection for supply voltage and startup capacitor. After startup, the supply
voltage is produced by the control winding of the transformer and rectified by
an external diode.


Số phần tương tự - TDA16846_03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TDA16846G INFINEON-TDA16846G Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
More results

Mô tả tương tự - TDA16846_03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
ICE1QS01 INFINEON-ICE1QS01 Datasheet
484Kb / 21P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
V1.4, 27 April 2004
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_14 Datasheet
574Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
October, 2014 ??Rev. 12
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
Panasonic Battery Group
LC-R127R2PG1 PANASONICBATTERY-LC-R127R2PG1 Datasheet
1Mb / 2P
   for main and standby power supplies
logo
Panasonic Semiconductor
LC-RA1212 PANASONIC-LC-RA1212 Datasheet
62Kb / 1P
   For main and standby power supplies.
logo
Panasonic Battery Group
LC-R064R2P PANASONICBATTERY-LC-R064R2P Datasheet
39Kb / 1P
   For main and standby power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com