công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1766 bảng dữ liệu(PDF) 7 Page - Infineon Technologies AG

tên linh kiện TC1766
Giải thích chi tiết về linh kiện  32-Bit Single-Chip Microcontroller Bare Die Delivery
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1766 bảng dữ liệu(HTML) 7 Page - Infineon Technologies AG

Back Button TC1766 Datasheet HTML 3Page - Infineon Technologies AG TC1766 Datasheet HTML 4Page - Infineon Technologies AG TC1766 Datasheet HTML 5Page - Infineon Technologies AG TC1766 Datasheet HTML 6Page - Infineon Technologies AG TC1766 Datasheet HTML 7Page - Infineon Technologies AG TC1766 Datasheet HTML 8Page - Infineon Technologies AG TC1766 Datasheet HTML 9Page - Infineon Technologies AG TC1766 Datasheet HTML 10Page - Infineon Technologies AG TC1766 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TC1766
Bare Die Delivery
Summary of Features
Data Sheet
3
V1.10, 2010-04
– One General Purpose Timer Array Module (GPTA) with a powerful set of digital
signal filtering and timer functionality to realize autonomous and complex
Input/Output management
– One 16-channel Analog-to-Digital Converter unit (ADC) with selectable 8-bit, 10-bit,
or 12-bit, supporting 32 input channels
– One 2-channel Fast Analog-to-Digital Converter unit (FADC) with concatenated
comb filters for hardware data reduction: supporting 10-bit resolution, with minimum
conversion time of 262.5ns
• 32 analog input lines for ADC and FADC
• 81 digital general purpose I/O lines
• Digital I/O ports with 3.3 V capability
• On-chip debug support for OCDS Level 1 and 2 (CPU, PCP, DMA)
• Dedicated Emulation Device chip for multi-core debugging, tracing, and calibration via
USB V1.1 interface available (TC1766ED)
• Power Management System
• Clock Generation Unit with PLL
• Core supply voltage of 1.5V
• I/O voltage of 3.3 V
• Die temperature under operating condition: -40° to +150°C
• Packaging: bare dies mounted on surf tape1)
1) Surf Tape packing will be replaced by Carrier Tape packing in the second quarter of 2010.


Số phần tương tự - TC1766

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ACE Technology Co., LTD...
TC176-198-S ACE-TC176-198-S Datasheet
106Kb / 2P
   TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
Infineon Technologies A...
TC1762 INFINEON-TC1762 Datasheet
858Kb / 114P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1765 INFINEON-TC1765 Datasheet
1Mb / 88P
   32-Bit Single-Chip Microcontroller
V1.2, Dec. 2002
TC1765N INFINEON-TC1765N Datasheet
1Mb / 88P
   32-Bit Single-Chip Microcontroller
V1.2, Dec. 2002
TC1765T INFINEON-TC1765T Datasheet
1Mb / 88P
   32-Bit Single-Chip Microcontroller
V1.2, Dec. 2002
More results

Mô tả tương tự - TC1766

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
C505CA-4RC INFINEON-C505CA-4RC Datasheet
322Kb / 22P
   8-bit Single-Chip Microcontroller (Bare Die Delivery)
V1.3, Dec. 2000
C167CS-XC INFINEON-C167CS-XC Datasheet
980Kb / 24P
   16-Bit Single-Chip Microcontroller Bare Die Delivery
V1.0, Aug. 2001
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com