công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP3J23UBK bảng dữ liệu(PDF) 1 Page - GREATECS

tên linh kiện TP3J23UBK
Giải thích chi tiết về linh kiện  6 x 6 mm Washable Tactile Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREATECS [GREATECS]
Trang chủ  http://www.greatecs.com
Logo GREATECS - GREATECS

TP3J23UBK bảng dữ liệu(HTML) 1 Page - GREATECS

  TP3J23UBK Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tactile Switches
6 x 6 mm Washable Tactile Switches
TP3 Series
TP3H THT Terminals
TP3S SMT Terminals
General Specifications:
FEATURES
» Sharp click feel with a positive tactile feedback
» Seal characteristics:
- The washable type switches allow submersed
washing after soldering.
- Proceed the cleaning process after the S/W
temperature decreases to normal.
- Degree of protection: IP46
MATERIALS
» Terminal: Brass with silver plated
» Contact: Stainless steel
MECHANICAL
» Operation Temperature: -25°C to +70°C
» Storage Temperature: -30°C to +80°C
ELECTRICAL
» Electrical Life: 500,000 cycles for TP3_38, 35K(C)J,
45K(C) & 52B(C)J
100,000 cycles for TP3_31K, 23U &
TP4S31KG
» Rating: 50mA, 12VDC
» Contact Arrangement: 1 pole 1 throw
LEADFREE SOLDERING PROCESSES
» 260°C max. 5 seconds for THT terminals
»
260°C max. 10 seconds for SMT terminals
TP3
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
TP3J SMT J-Bending Terminals
6.20
Ø3.0
6.50±0.50
7.90±0.50
6.50±0.10
1.0±0.05
CIRCUIT DIAGRAM
P.C.B. LAYOUT
6.20
Ø3.0
6.50±0.50
7.90±0.50
6.20
Ø3.0
6.50±0.50
7.90±0.50
5.80
6.20
6.50±0.50
7.90±0.50
CIRCUIT DIAGRAM
P.C.B. LAYOUT
11.00
6.80
9.00
6.20
Ø3.0
0°~10°
5.80
Ø3.0
0°~10°
9.00
6.20
9.00
6.20
9.00
6.20
Ø3.0
0°~10°
CIRCUIT DIAGRAM
6.20
Ø3.0
0°~10°
4.50
6.80
6.20
Ø3.0
0°~10°
4.50
6.80
5.80
6.20
Ø3.0
0°~10°
4.50
6.80
5.80
6.20
0°~10°
4.50
6.80
5.80
8.60
4.00
P.C.B. LAYOUT
TP3H45: H=4.5
TP3H52: H=5.2
TP3H35: H=3.5
TP3H38: H=3.8
TP3H31: H=3.1
TP3H23: H=2.3
H
S
J
23
31
35
38
45
52
77
K
U
C
J
BK
TB
TR
TYPE OF TERMINALS:
THT
SMT
SMT J-Bending
DIMENSION “H“:
H = 2.3mm
H = 3.1mm
H = 3.5mm
H = 3.8mm
H = 4.5mm
H = 5.2mm
H = 7.7mm (Only for SMT J-Bending Terminals)
STEM COLOR & OPERATING FORCE:
Brown & 160±50gf (Only for H=3.1mm)
Brown & 180±50gf (Only for H=3.5 / 3.8 / 4.5 / 5.2mm)
Silver & 160±50gf (Only for H=2.3mm)
Red & 260±70gf (Only for H=3.5 / 3.8 / 4.5 / 5.2mm)
Transparent & 360±90gf (Only for H=3.5 / 3.8 / 5.2 / 7.7mm)
PACKAGE:
Bulk (Only for SMT J-Bending Terminals)
Tube
Tape & Reel
1
2
3
4
General Tolerance: ± 0.2 mm
TP3S45: H=4.5
TP3S52: H=5.2
TP3S35: H=3.5
TP3S38: H=3.8
TP3S31: H=3.1
TP3S23: H=2.3
TP3J35: H=3.5
TP3J38: H=3.8
TP3J45: H=4.5
TP3J52: H=5.2
TP3J31: H=3.1
TP3J23: H=2.3
E03
Individual stem heights available by request


Số phần tương tự - TP3J23UBK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
TP3 VISHAY-TP3 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
logo
Linear Technology
TP3-470 LINER-TP3-470 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
STMicroelectronics
TP30 STMICROELECTRONICS-TP30 Datasheet
64Kb / 6P
   TRISILTM
November 1998 - Ed: 5A
TP30-100 STMICROELECTRONICS-TP30-100 Datasheet
64Kb / 6P
   TRISILTM
November 1998 - Ed: 5A
More results

Mô tả tương tự - TP3J23UBK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
SWTW TTELEC-SWTW Datasheet
170Kb / 6P
   Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
   Standard 6 x 6 mm Tactile Switches
logo
Bi technologies
SWTW BITECH-SWTW Datasheet
232Kb / 6P
   Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
logo
GREATECS
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
   6 x 6 mm THT Tactile Switches with Ground Terminal
logo
Grayhill, Inc
95C06A2GWRT GRAYHILL-95C06A2GWRT Datasheet
52Kb / 1P
   Non-Washable Tactile Switches
logo
GREATECS
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
   12 x 12 mm Washable Halogen-Free Tactile Switches
logo
Grayhill, Inc
95C12A3GWRT GRAYHILL-95C12A3GWRT Datasheet
52Kb / 1P
   Non-Washable Tactile Switches
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
   Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
logo
Grayhill, Inc
95C04A3GWRT GRAYHILL-95C04A3GWRT Datasheet
94Kb / 1P
   Non-Washable Tactile Switches
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com