công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA60K305S bảng dữ liệu(PDF) 2 Page - Solid States Devices, Inc

tên linh kiện STA60K305S
Giải thích chi tiết về linh kiện  HIGH VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SSDI [Solid States Devices, Inc]
Trang chủ  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STA60K305S bảng dữ liệu(HTML) 2 Page - Solid States Devices, Inc

  STA60K305S Datasheet HTML 1Page - Solid States Devices, Inc STA60K305S Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STA60K79S thru
STA60K1000S
Solid State Devices, Inc.
14701 Firestone Blvd, La Mirada, Ca 90638
Phone: (562) 404-4474
Fax: (562) 404-1773
ssdi@ssdi-power.com
www.ssdi-power.com
ELECTRICAL CHARACTERISTICS (note 2)
Break Down (note 1)
Max Reverse Stand Off
Peak Pulse Clamping
Part
Number
(note 4)
Nominal
Voltage
Test
Current
Voltage
Reverse
Leakage
Current
Voltage
(Max)
@ Current
tp=1ms
(note 3)
Maximum
Continuous
Current
Max
Temperature
Coefficient
VBR
@ IBRT
VRWM
IR@VRWM
VC
IPP
IRM
TC
Volts
mA
Volts
µA
Volts
Amps
Amps
%/°C
STA60K79S
STA60K89S
STA60K98S
STA60K107S
STA60K110S
STA60K127S
STA60K135S
STA60K150S
STA60K167S
STA60K180S
STA60K202S
STA60K226S
STA60K245S
STA60K279S
STA60K305S
STA60K340S
STA60K360S
STA60K390S
STA60K450S
STA60K490S
STA60K510S
STA60K560S
STA60K620S
STA60K680S
STA60K750S
STA60K820S
STA60K910S
STA60K1000S
79
89
98
107
110
127
135
150
167
180
202
226
245
279
305
340
360
390
450
490
510
560
620
680
750
820
910
1000
700
600
600
500
500
400
400
300
300
260
260
200
200
200
160
160
120
120
120
100
100
80
80
80
80
60
60
48
56
62
68
75
82
91
100
110
120
130
150
160
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
6000
4800
160
80
60
40
16
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
145
150
160
175
185
195
210
230
250
270
300
335
360
400
435
470
520
550
600
650
700
780
870
930
1033
1135
1265
1385
512
480
436
400
372
348
316
272
256
228
208
188
172
156
140
128
120
108
100
92
84
76
68
64
56
52
48
44
5.00
4.60
4.08
3.80
3.44
3.08
2.80
2.40
2.20
2.00
1.76
1.56
1.44
1.24
1.12
1.04
0.96
0.84
0.72
0.70
0.68
0.64
0.60
0.52
0.48
0.44
0.40
0.36
.03
.03
.03
.05
.05
.05
.05
.05
.06
.06
.06
.06
.06
.06
.06
.06
.06
.06
.07
.07
.07
.07
.08
.08
.08
.08
.08
.09
PEAK PULSE POWER VS. PULSE WIDTH
CURRENT PULSE WAVEFORM
STEADY STATE POWER DERATING
PULSE WIDTH
CASE TEMPERATURE (
°C)
For optional high reliability screening or higher zener voltages, consult SSDI MARKETING Department.
Notes:
1.
All voltages are measured with automated test set using 35 msec test time. Longer or shorter test times will have a corresponding effect on the measured value
due to heating effects.
2.
Unless specified otherwise, ratings based on 25° C case temperature.
3.
Pulse width (tp) is defined as the time from rated peak pulse current IPP to the point where peak pulse current decayed to 50% of rated IPP.
(10µs X 1000µs waveform as defined by R.E.A.)
4.
Part Number- For 5% Voltage Tolerance, specify “B” in place of “A”
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00014D
DOC


Số phần tương tự - STA60K305S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Solid States Devices, I...
STA60K305S SSDI-STA60K305S Datasheet
78Kb / 2P
   60,000 WATTS PEAK PULSE POWER 79 - 1000 VOLTS HIGH VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - STA60K305S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Solid States Devices, I...
T00014D SSDI-T00014D_15 Datasheet
83Kb / 2P
   HIGH VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00014D SSDI-T00014D Datasheet
83Kb / 2P
   HIGH VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3KE13C EIC-3KE13C Datasheet
72Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SA5.0C NJSEMI-SA5.0C Datasheet
197Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
1N6267CL EIC-1N6267CL Datasheet
53Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
1N6267C EIC-1N6267C Datasheet
80Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
P6KE68CS EIC-P6KE68CS Datasheet
79Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
1N6267CL LEIDITECH-1N6267CL Datasheet
236Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ50C EIC-SMBJ50C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Solid States Devices, I...
T00008 SSDI-T00008_15 Datasheet
70Kb / 2P
   LOW VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com