công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA18273C1 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện TDA18273C1
Giải thích chi tiết về linh kiện  Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18273C1 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  TDA18273C1 Datasheet HTML 1Page - NXP Semiconductors TDA18273C1 Datasheet HTML 2Page - NXP Semiconductors TDA18273C1 Datasheet HTML 3Page - NXP Semiconductors TDA18273C1 Datasheet HTML 4Page - NXP Semiconductors TDA18273C1 Datasheet HTML 5Page - NXP Semiconductors TDA18273C1 Datasheet HTML 6Page - NXP Semiconductors TDA18273C1 Datasheet HTML 7Page - NXP Semiconductors TDA18273C1 Datasheet HTML 8Page - NXP Semiconductors TDA18273C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TDA18273HN_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
Rev. 3 — 10 May 2011
2 of 10
NXP Semiconductors
TDA18273HN
Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV
reception
[1]
Channel loading assumptions: 129 channels at 75 dB
μV each.
4.
Ordering information
α
image
image rejection
worst case for image
rejection, at 4 MHz IF
frequency and for image
levels above 60 dB
μV
57.5
63
-
dB
CSO
composite second-order
distortion
worst interferer over RF
frequency with respect to
wanted carrier
[1] -
−60 −55 dBc
CTB
composite triple beat
worst interferer over RF
frequency with respect to
wanted carrier for frequency
≤ 550 MHz
-
−65 −60 dBc
worst interferer over RF
frequency with respect to
wanted carrier for frequency
> 550 MHz
--
−55 dBc
ICP1dB
1 dB input compression
point
at tuner input and minimum
gain
122
-
-
dB
μV
Table 1.
Quick reference data …continued
Symbol Parameter
Conditions
Min
Typ
Max Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA18273HN/C1
HVQFN40 plastic thermal enhanced very thin quad flat
package; no leads; 40 terminals; body
6
× 6 × 0.85 mm
SOT618-1


Số phần tương tự - TDA18273C1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA18273C1 NXP-TDA18273C1 Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
More results

Mô tả tương tự - TDA18273C1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
TDA18272HN NXP-TDA18272HN Datasheet
206Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-11 August 2010
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Silicon Laboratories
SI2157 SILABS-SI2157 Datasheet
56Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2151 SKYWORKS-SI2151 Datasheet
196Kb / 2P
   Worldwide Digital and Analog TV Tuner
August 22, 2021
logo
Silicon Laboratories
SI2151 SILABS-SI2151 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner
SI2158 SILABS-SI2158 Datasheet
122Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
NXP Semiconductors
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com