công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA18273HN bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện TDA18273HN
Giải thích chi tiết về linh kiện  Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18273HN bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  TDA18273HN_11 Datasheet HTML 1Page - NXP Semiconductors TDA18273HN_11 Datasheet HTML 2Page - NXP Semiconductors TDA18273HN_11 Datasheet HTML 3Page - NXP Semiconductors TDA18273HN_11 Datasheet HTML 4Page - NXP Semiconductors TDA18273HN_11 Datasheet HTML 5Page - NXP Semiconductors TDA18273HN_11 Datasheet HTML 6Page - NXP Semiconductors TDA18273HN_11 Datasheet HTML 7Page - NXP Semiconductors TDA18273HN_11 Datasheet HTML 8Page - NXP Semiconductors TDA18273HN_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TDA18273HN_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
Rev. 3 — 10 May 2011
4 of 10
NXP Semiconductors
TDA18273HN
Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV
reception
6.
Limiting values
[1]
The maximum allowed ambient temperature Tamb(max) depends on the assembly conditions of the package and especially on the design
of the Printed-Circuit Board (PCB) and die connection. The application mounting must be done in such a way that the maximum junction
temperature is never exceeded. The junction temperature can be obtained by reading the temperature sensor bit via I2C-bus. The
junction temperature: Tj = Tamb + ΔTj-c. where ΔTj-c = power × Rth.
[2]
Class III: 500 V to 1000 V.
7.
Abbreviations
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+3.6
V
VI
input voltage
VCC <3.3 V
−0.3
VCC +0.3 V
VCC >3.3 V
−0.3
+3.6
V
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
−20
[1]
°C
VESD
electrostatic discharge voltage
EIA/JESD22-A114 (HBM)
−2+2
kV
EIA/JESD22-C101-C (FCDM) class III[2]
750
-
V
Table 4.
Abbreviations
Acronym
Description
AGC
Automatic Gain Control
AGCK
Automatic Gain Control step Killer
CB
Citizen Band
DVB
Digital Video Broadcasting
DVB-T/T2/C/C2/H
DVB-Terrestrial/Terrestrial second generation/Cable/Handheld
FCDM
Field-induced Charged-Device Model
FRAC-N
Fractional-N
HBM
Human Body Model
IF
Intermediate Frequency
IR
Image Rejection
LC-VCO
Inductors and Capacitors - Voltage Controlled Oscillator
LNA
Low-Noise Amplifier
LO
Local Oscillator
PCB
Printed-Circuit Board
PLD
Power Level Detector
RF
Radio Frequency
RoHS
Restriction of Hazardous Substances
SAW
Surface Acoustic Wave
UHF
Ultra High Frequency


Số phần tương tự - TDA18273HN_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
More results

Mô tả tương tự - TDA18273HN_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
TDA18272HN NXP-TDA18272HN Datasheet
206Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-11 August 2010
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Silicon Laboratories
SI2157 SILABS-SI2157 Datasheet
56Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2151 SKYWORKS-SI2151 Datasheet
196Kb / 2P
   Worldwide Digital and Analog TV Tuner
August 22, 2021
logo
Silicon Laboratories
SI2151 SILABS-SI2151 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner
SI2158 SILABS-SI2158 Datasheet
122Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
NXP Semiconductors
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com