công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVTN16245BDGG bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện 74LVTN16245BDGG
Giải thích chi tiết về linh kiện  3.3 V 16-bit transceiver; 3-state Output capability: 64 mA and ??2 mA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTN16245BDGG bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button 74LVTN16245BDGG Datasheet HTML 3Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 4Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 5Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 6Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 7Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 8Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 9Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 10Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74LVTN16245B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 15 June 2011
7 of 17
NXP Semiconductors
74LVTN16245B
3.3 V 16-bit transceiver; 3-state
[1]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
[2]
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability.
[3]
Above 60
C the value of P
tot derates linearly with 5.5 mW/K.
[4]
Above 70
C the value of P
tot derates linearly with 1.8 mW/K.
8.
Recommended operating conditions
9.
Static characteristics
Ptot
total power dissipation
Tamb = 40 C to +85 C
TSSOP48 package
[3] -
500
mW
HXQFN60U package
[4] -
1000
mW
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.7
-
3.6
V
VI
input voltage
0
-
5.5
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
IOH
HIGH-level output current
32
-
-
mA
IOL
LOW-level output current
none
-
-
32
mA
current duty cycle
 50 %;
fi  1kHz
--
64
mA
Tamb
ambient temperature
in free-air
40
-
+85
C
t/V
input transition rise and fall rate outputs enabled
-
-
10
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = 40 C to +85 C
VIK
input clamping voltage
VCC = 2.7 V; IIK = 18 mA
1.2
0.85
-
V
VOH
HIGH-level output voltage IOH = 100 A; VCC = 2.7 V to 3.6 V
VCC  0.2 VCC
-V
IOH = 8mA; VCC = 2.7 V
2.4
2.5
-
V
IOH = 32 mA; VCC = 3.0 V
2.0
2.3
-
V
VOL
LOW-level output voltage VCC = 2.7 V
IOL = 100 A
-
0.07
0.2
V
IOL = 24 mA
-
0.3
0.5
V
VCC = 3.0 V
IOL = 16 mA
-
0.25
0.4
V
IOL = 32 mA
-
0.3
0.5
V
IOL = 64 mA
-
0.4
0.55
V


Số phần tương tự - 74LVTN16245BDGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVTN16245BDGG NXP-74LVTN16245BDGG Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
74LVTN16245BDGG NXP-74LVTN16245BDGG Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVTN16245BDGG NEXPERIA-74LVTN16245BDGG Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
More results

Mô tả tương tự - 74LVTN16245BDGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245B NXP-74LVT16245B Datasheet
182Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 07-29 March 2010
logo
Nexperia B.V. All right...
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com