công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF51QM128 bảng dữ liệu(PDF) 15 Page - Freescale Semiconductor, Inc

tên linh kiện MCF51QM128
Giải thích chi tiết về linh kiện  Advance Information Temperature range (ambient): -40째C to 105째C
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51QM128 bảng dữ liệu(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MCF51QM128 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 15Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 16Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
Table 5. Power consumption operating behaviors (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
IDD_VLLS1
Very low-leakage stop mode 1 current at 3.0 V
• @ –40 to 25 °C
• @ 70 °C
• @ 105 °C
1.3
TBD
TBD
TBD
TBD
TBD
μA
μA
μA
10,11
IDD_OSC
Average current for OSC enabled with 32 kHz
crystal at 3.0 V
• @ –40 to 25 °C
• @ 70 °C
• @ 105 °C
0.7
TBD
TBD
μA
μA
μA
1. The analog supply current is the sum of the active or disabled current for each of the analog modules on the device. See
each module's specification for its supply current.
2. 50 MHz core and system clocks, and 25 MHz bus clock. MCG configured for FEI mode. All peripheral clocks disabled.
3. 50 MHz core and system clocks, and 25 MHz bus clock. MCG configured for FEI mode. All peripheral clocks enabled, but
peripherals are not in active operation.
4. 50 MHz core and system clocks, and 25 MHz bus clock. MCG configured for FEI mode. All peripheral clocks enabled, and
peripherals are in active operation.
5. 25 MHz core and system clocks, and 12.5 MHz bus clock. MCG configured for FEI mode.
6. 50 MHz core and system clocks, and 25 MHz bus clock. MCG configured for FEI mode.
7. 2 MHz core and system clocks, and 1 MHz bus clock. MCG configured for BLPE mode. All peripheral clocks disabled.
Code executing from flash memory.
8. 2 MHz core and system clocks, and 1 MHz bus clock. MCG configured for fast IRCLK mode. All peripheral clocks enabled,
but peripherals are not in active operation. Code executing from flash memory.
9. 2 MHz core and system clocks, and 1 MHz bus clock. MCG configured for fast IRCLK mode. All peripheral clocks disabled.
10. OSC clocks disabled.
11. All pads disabled.
12. Data reflects devices with 32 KB of RAM. For devices with 16 KB of RAM, power consumption is reduced by 500 nA. For
devices with 8 KB of RAM, power consumption is reduced by 750 nA.
5.2.5.1 Diagram: Typical IDD_RUN operating behavior
The following data was measured under these conditions:
• MCG in FEI mode (39.0625 kHz IRC), except for 1 MHz core (FBE)
• All peripheral clocks disabled except FTFL
• LVD disabled, voltage regulator disabled
• No GPIOs toggled
• Code execution from flash memory
DIAGRAM TBD
Figure 1. Run mode supply current vs. core frequency — all peripheral clocks disabled
The following data was measured under these conditions:
• MCG in FEI mode (39.0625 kHz IRC), except for 1 MHz core (FBE)
• All peripheral clocks enabled, but peripherals are not in active operation
Nonswitching electrical specifications
MCF51QM128 Advance Information Data Sheet, Rev. 2, 05/2011.
Freescale Semiconductor, Inc.
Preliminary
15


Số phần tương tự - MCF51QM128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51QM128 FREESCALE-MCF51QM128 Datasheet
1Mb / 71P
   MCF51QM128
MCF51QM128VHS FREESCALE-MCF51QM128VHS Datasheet
1Mb / 71P
   MCF51QM128
MCF51QM128VLH FREESCALE-MCF51QM128VLH Datasheet
1Mb / 71P
   MCF51QM128
MCF51QM128 FREESCALE-MCF51QM128_12 Datasheet
1Mb / 71P
   MCF51QM128
More results

Mô tả tương tự - MCF51QM128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JF128 FREESCALE-MCF51JF128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Wurth Elektronik GmbH &...
744765090A WURTH-744765090A Datasheet
1Mb / 5P
   Ambient temperature: -40째C to 110째C (refering to IR)
logo
Freescale Semiconductor...
K60P121M100SF2 FREESCALE-K60P121M100SF2 Datasheet
1Mb / 72P
   K60 Sub-Family Data Sheet Temperature range (ambient): -40 to 105째C
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com